Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 93 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 93 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 89Page - Microchip Technology MPFS250TL Datasheet HTML 90Page - Microchip Technology MPFS250TL Datasheet HTML 91Page - Microchip Technology MPFS250TL Datasheet HTML 92Page - Microchip Technology MPFS250TL Datasheet HTML 93Page - Microchip Technology MPFS250TL Datasheet HTML 94Page - Microchip Technology MPFS250TL Datasheet HTML 95Page - Microchip Technology MPFS250TL Datasheet HTML 96Page - Microchip Technology MPFS250TL Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 128 page
background image
Unit
Max
Min
Condition
Data Rate
Parameter
UI
0.65
2.5 Gbps
UI
0.65
3.125 Gbps
UI
0.6
Short reach
5.0 Gbps
UI
0.95
Long reach
UI
0.6
Short reach
6.25 Gbps
UI
0.95
Long reach
UI
0.62
Short reach
10.3125 Gbps
6.6.10
SDI
The following table describes SDI.
Table 108 • SDI
Unit
Max
Min
Condition
Data Rate
Parameter
UI
1.0
Timing jitter (10 H-
z–27 MHz)
270 Mbps
Total transmit jitter
UI
0.2
Alignment jitter (1
KHz–27 MHz)
UI
1.0
Timing jitter (10 H-
z–148.5 MHz)
1.485 Gbps
UI
0.2
Alignment jitter (10
0 KHz–148.5 MHz)
UI
2.0
Timing jitter (10 H-
z–297 MHz)
2.97 Gbps
UI
0.3
Alignment jitter (10
0 KHz–297 MHz)
UI
0.2
Alignment jitter
270 Mbps
Receive jitter toler-
ance
UI
0.2
Alignment jitter
1.485 Gbps
UI
0.3
Alignment jitter
2.97 Gbps
6.6.11
OTN
The following table describes OTN.
Table 109 • OTN
Unit
Max
Min
Condition
Data Rate
Parameter
UI
0.3
3 dB BW: 5 KHz to
20 MHz
2.66 Gbps
Total transmit jitter
89
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com