Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 106 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 106 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 102Page - Microchip Technology MPFS250TL Datasheet HTML 103Page - Microchip Technology MPFS250TL Datasheet HTML 104Page - Microchip Technology MPFS250TL Datasheet HTML 105Page - Microchip Technology MPFS250TL Datasheet HTML 106Page - Microchip Technology MPFS250TL Datasheet HTML 107Page - Microchip Technology MPFS250TL Datasheet HTML 108Page - Microchip Technology MPFS250TL Datasheet HTML 109Page - Microchip Technology MPFS250TL Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 128 page
background image
Conditions
Unit
Max
Typ
Min
Symbol
Parameter
μs
119
114.5
113
Authenticated
text read
μs
167
161
159
Authenticated
and decrypted
text read
Notes:
• Page size= 256 bytes (non-authenticated), 236 bytes (authenticated).
• Only page reads and writes allowed.
• TPUF_OVHD is an additional time that occurs on the first R/W, after cold or warm boot, to sNVM using
authenticated or authenticated and encrypted text.
6.7.10
Secure NVM Programming Cycles
The following table describes secure NVM programming cycles.
Table 132 • sNVM Programming Cycles vs. Retention Characteristics
Retention Years
Programming Cycles per Block,
Max
Programming Cycles per Page,
Max
Programming Temperature
20
100,000
10,000
–40 °C to 100 °C
20
100,000
10,000
–40 °C to 85 °C
20
100,000
10,000
–40 °C to 55 °C
Note: Page size = 256 bytes. Block size = 56 KBytes.
6.8
System Services
This section describes system switching and throughput characteristics.
6.8.1
System Services Throughput Characteristics
The following table describes system services throughput characteristics.
Table 133 • System Services Throughput Characteristics
Conditions
Unit
Max
Typ
Service ID
Symbol
Parameter
μs
67
65
00H
TSerial
Serial number
μs
1.2
0.8
01H
TUser
User code
μs
3
2.5
02H
TDesign
Design informa-
tion
ms
271
255
03H
TCert
Device certifi-
cate
μs
215
201
04H
Tdigest_read
Read digests
102
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com