Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2512I Datasheet(PDF) 20 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 16Page - Microchip Technology USB2512I Datasheet HTML 17Page - Microchip Technology USB2512I Datasheet HTML 18Page - Microchip Technology USB2512I Datasheet HTML 19Page - Microchip Technology USB2512I Datasheet HTML 20Page - Microchip Technology USB2512I Datasheet HTML 21Page - Microchip Technology USB2512I Datasheet HTML 22Page - Microchip Technology USB2512I Datasheet HTML 23Page - Microchip Technology USB2512I Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
USB251xB/xBi
DS00001692C-page 20
 2010 - 2015 Microchip Technology Inc.
06h
Configuration Data Byte 1
9B
07h
Configuration Data Byte 2
20
08h
Configuration Data Byte 3
02
09h
Non-Removable Devices
00
0Ah
Port Disable (Self)
00
0Bh
Port Disable (Bus)
00
0Ch
Max Power (Self)
01
0Dh
Max Power (Bus)
32
0Eh
Hub Controller Max Current (Self)
01
0Fh
Hub Controller Max Current (Bus)
32
10h
Power-on Time
32
11h
Language ID High
00
12h
Language ID Low
00
13h
Manufacturer String Length
00
14h
Product String Length
00
15h
Serial String Length
00
16h-53h
Manufacturer String
00
54h-91h
Product String
00
92h-CFh
Serial String
00
D0h
Battery Charging Enable
00
E0h
rsvd
00
F5h
rsvd
00
F6h
Boost_Up
00
F7h
rsvd
00
F8h
Boost_x:0
00
F9h
rsvd
00
FAh
Port Swap
00
FBh
Port Map 12
00
FCh
Port Map 34
-
00
FD-FEh
rsvd
00
FFh
Status/Command
Note: SMBus register only
00
Address
Register Name
Default ROM Values
(Hexidecimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com