Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2512I Datasheet(PDF) 23 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 19Page - Microchip Technology USB2512I Datasheet HTML 20Page - Microchip Technology USB2512I Datasheet HTML 21Page - Microchip Technology USB2512I Datasheet HTML 22Page - Microchip Technology USB2512I Datasheet HTML 23Page - Microchip Technology USB2512I Datasheet HTML 24Page - Microchip Technology USB2512I Datasheet HTML 25Page - Microchip Technology USB2512I Datasheet HTML 26Page - Microchip Technology USB2512I Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 23
USB251xB/xBi
5.1.8
REGISTER 07H: CONFIGURATION DATA BYTE 2
5.1.9
REGISTER 08H: CONFIGURATION DATA BYTE 3
Bit Number
Bit Name
Description
7
DYNAMIC
Dynamic Power Enable: controls the ability of the hub to automatically change
from self-powered to bus-powered operation if the local power source is
removed or unavailable. It can also go from bus-powered to self-powered
operation if the local power source is restored.
When dynamic power switching is enabled, the hub detects the availability of
a local power source by monitoring LOCAL_PWR. If the hub detects a change
in power source availability, the hub immediately disconnects and removes
power from all downstream devices. It also disconnects the upstream port.
The hub will then re-attach to the upstream port as either a bus-powered hub
(if local power is unavailable) or a self-powered hub (if local power is
available).
0
: no dynamic auto-switching
1
: dynamic auto-switching capable
6
rsvd
5:4
OC_TIMER
Over Current Timer Delay:
00
: 0.1 ms
01
: 4.0 ms
10
: 8.0 ms
11
: 16.0 ms
3
COMPOUND
Compound Device: indicates the hub is part of a compound device (see the
USB Specification
for definition). The applicable port(s) must also be defined
as having a non-removable device.
Note:
When configured via strapping options, declaring a port as non-
removable automatically causes the hub controller to report that it is
part of a compound device.
0
: no
1
: yes, the hub is part of a compound device
2:0
rsvd
Bit Number
Bit Name
Description
7:4
rsvd
3
PRTMAP_EN
Port Mapping Enable: selects the method used by the hub to assign port
numbers and disable ports.
0
: standard mode
1
: port mapping mode
2:1
rsvd
0
STRING_EN
Enables String Descriptor Support
0
: string support disabled
1
: string support enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com