Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2512I Datasheet(PDF) 34 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 30Page - Microchip Technology USB2512I Datasheet HTML 31Page - Microchip Technology USB2512I Datasheet HTML 32Page - Microchip Technology USB2512I Datasheet HTML 33Page - Microchip Technology USB2512I Datasheet HTML 34Page - Microchip Technology USB2512I Datasheet HTML 35Page - Microchip Technology USB2512I Datasheet HTML 36Page - Microchip Technology USB2512I Datasheet HTML 37Page - Microchip Technology USB2512I Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
USB251xB/xBi
DS00001692C-page 34
 2010 - 2015 Microchip Technology Inc.
5.3.2.1
Block Write/Read
The block write begins with a slave address and a write condition. After the command code, the host issues a byte count
which describes how many more bytes will follow in the message. If a slave had 20 bytes to send, the first byte would
be the number 20 (14h), followed by the 20 bytes of data. The byte count may not be zero. A block write or read allows
a transfer maximum of 32 data bytes.
TABLE 5-2:
BLOCK WRITE
5.3.2.2
Block Read
A block read differs from a block write in that the repeated start condition exists to satisfy the I2C specification’s require-
ment for a change in the transfer direction.
TABLE 5-3:
BLOCK READ
5.3.2.3
Invalid Protocol Response Behavior
Note that any attempt to update registers with an invalid protocol will not be updated. The only valid protocols are write
block and read block (described above), where the hub only responds to the 7-bit hardware selected slave address
(0101100b). Also, the only valid registers for the hub are outlined in Section 5.1 on page 19. Attempts to access any
other registers will return no response.
5.3.3
SLAVE DEVICE TIMEOUT
Devices in a transfer can abort the transfer in progress and release the bus when any single clock low interval exceeds
25 ms (TTIMEOUT, MIN). The master must detect this condition and generate a stop condition within or after the transfer
of the interrupted data byte. Slave devices must reset their communication and be able to receive a new START condi-
tion no later than 35 ms (TTIMEOUT, MAX).
Note:
For the following SMBus tables:
Note:
Some simple devices do not contain a clock low drive circuit; this simple kind of device typically resets its
communications port after a start or stop condition. The slave device timeout must be implemented.
Denotes Master-to-Slave
Denotes Slave-to-Master
S
Slave Address
Register Address
Wr
A
171
18
A
1
...
1
81
Byte Count = N
A
Data byte 1
A
Data byte 2
A
81
1
1
88
Data byte N
A
P
1
S
S
Slave Address
Register Address
Wr
17
1
1
8
A
1
Slave Address
Rd
A
71
1
...
A
81
1
1
88
1
81
P
A
A
A
A
Byte Count = N
Data byte 2
Data byte 1
Data byte N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com