Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2512I Datasheet(PDF) 35 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 31Page - Microchip Technology USB2512I Datasheet HTML 32Page - Microchip Technology USB2512I Datasheet HTML 33Page - Microchip Technology USB2512I Datasheet HTML 34Page - Microchip Technology USB2512I Datasheet HTML 35Page - Microchip Technology USB2512I Datasheet HTML 36Page - Microchip Technology USB2512I Datasheet HTML 37Page - Microchip Technology USB2512I Datasheet HTML 38Page - Microchip Technology USB2512I Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 35
USB251xB/xBi
5.3.4
STRETCHING THE SCLK SIGNAL
The hub supports stretching of the SCLK by other devices on the SMBus. However, the hub does not stretch the SCLK.
5.3.5
SMBUS TIMING
The SMBus slave interface complies with the SMBus Specification Revision 1.0 [3]. See Section 2.1, AC Specifications
on page 3 for more information.
5.3.6
BUS RESET SEQUENCE
The SMBus slave interface resets and returns to the idle state upon a START condition followed immediately by a STOP
condition.
5.3.7
SMBUS ALERT RESPONSE ADDRESS
The SMBALERT# signal is not supported by the hub.
5.4
Default Configuration
To put the hub in the default configuration, strap CFG_SEL[1:0] to 00b. This procedure configures the hub to the internal
defaults and enables the strapping options. To place the hub in default configuration with overrides, see Table 5-1 on
page 19 for the list of the options.
The internal default values are used for the registers that are not controlled by strapping option pins. Refer to Section 5.1
on page 19 for the internal default values that are loaded when this option is selected. For a list of strapping option pins,
see Section 5.0, "Initial Interface/Configuration Options", and to configure the strapping pins, see Section 3.3.1 on page
14.
5.5
Reset
The hub experiences the following two resets:
• Hardware reset via the RESET_N pin
• USB bus reset
5.5.1
EXTERNAL HARDWARE RESET_N
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1
s after all power supplies are within
operating range. While reset is asserted, the hub (and its associated external circuitry) consumes less than 500
A of
current from the upstream USB power source.
Assertion of RESET_N causes the following:
1.
All downstream ports are disabled, and PRTPWR[x:1] to downstream devices is removed (unless BC_EN[x:1]
is enabled).
2.
The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3.
All transactions immediately terminate; no states are saved.
4.
All internal registers return to the default state (in most cases, 00h).
5.
The external crystal oscillator is halted.
6.
The PLL is halted.
The hub is operational 500
s after RESET_N is negated. Once operational, the hub will do one of the following, depend-
ing on configuration:
• Read the strapping pins (default configuration with strapping options enabled)
• Read configuration information from the external I2C EEPROM
• Wait for configuration over SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com