Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2512I Datasheet(PDF) 11 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 7Page - Microchip Technology USB2512I Datasheet HTML 8Page - Microchip Technology USB2512I Datasheet HTML 9Page - Microchip Technology USB2512I Datasheet HTML 10Page - Microchip Technology USB2512I Datasheet HTML 11Page - Microchip Technology USB2512I Datasheet HTML 12Page - Microchip Technology USB2512I Datasheet HTML 13Page - Microchip Technology USB2512I Datasheet HTML 14Page - Microchip Technology USB2512I Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 11
USB251xB/xBi
PRTPWR1
USB Port Power
Enable
12
PRTPWR2
16
PRTPWR3
-18
PRTPWR4
-20
RBIAS
USB Transceiver
Bias
35
RESET_N
Reset Input
26
SCL
Serial Clock
24
SDA
Serial Data Signal
22
SMBCLK
System
Management Bus
Clock
24
SMBDATA
System
Management Bus
Data Signal
22
SUSP_IND
Active/Suspend
Status Indicator
28
TEST
Test Pin
11
USBDM_UP
USB Bus Data
30
USBDP_UP
31
USBDM_DN1
Hi-Speed USB Data
1
USBDM_DN2
3
USBDM_DN3
-6
USBDM_DN4
-8
USBDP_DN1
2
USBDP_DN2
4
USBDP_DN3
-7
USBDP_DN4
-9
VBUS_DET
Upstream VBUS
Power Detection
27
VDD33
3.3 V Digital Power
15
VDD33
23
VDDA33
3.3 V Analog Power
5
VDDA33
10
VDDA33
29
VDDA33
36
XTALIN
Crystal Input
33
XTALOUT
Crystal Output
32
TABLE 3-1:
USB251XB/XBI PIN LIST (ALPHABETICAL) (CONTINUED)
Symbol
Name
Pin Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com