Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2512I Datasheet(PDF) 26 Page - Microchip Technology

Part # USB2512I
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512I Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB2512I Datasheet HTML 22Page - Microchip Technology USB2512I Datasheet HTML 23Page - Microchip Technology USB2512I Datasheet HTML 24Page - Microchip Technology USB2512I Datasheet HTML 25Page - Microchip Technology USB2512I Datasheet HTML 26Page - Microchip Technology USB2512I Datasheet HTML 27Page - Microchip Technology USB2512I Datasheet HTML 28Page - Microchip Technology USB2512I Datasheet HTML 29Page - Microchip Technology USB2512I Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
USB251xB/xBi
DS00001692C-page 26
 2010 - 2015 Microchip Technology Inc.
5.1.15
REGISTER 0EH: HUB CONTROLLER MAX CURRENT FOR SELF-POWERED OPERATION
5.1.16
REGISTER 0FH: HUB CONTROLLER MAX CURRENT FOR BUS-POWERED OPERATION
5.1.17
REGISTER 10H: POWER-ON TIME
5.1.18
REGISTER 11H: LANGUAGE ID HIGH
5.1.19
REGISTER 12H: LANGUAGE ID LOW
5.1.20
REGISTER 13H: MANUFACTURER STRING LENGTH
Bit Number
Bit Name
Description
7:0
HC_MAX_C_SP
Hub Controller Max Current Self-Powered: the value in 2 mA increments that
the hub consumes from an upstream port (VBUS) when operating as a self-
powered hub. This value includes the hub silicon along with the combined
power consumption (from VBUS) of all associated circuitry on the board. This
value does NOT include the power consumption of a permanently attached
peripheral if the hub is configured as a compound device.
Note:
The USB 2.0 Specification does not permit this value to exceed
100 mA
A value of 50 (decimal) indicates 100 mA, which is the default value.
Bit Number
Bit Name
Description
7:0
HC_MAX_C_BP
Hub Controller Max Current Bus-Powered: the value in 2 mA increments that
the hub consumes from an upstream port (VBUS) when operating as a bus-
powered hub. This value will include the hub silicon along with the combined
power consumption (from VBUS) of all associated circuitry on the board.
Note:
This value will not include the power consumption of a permanently
attached peripheral if the hub is configured as a compound device.
A value of 50 (decimal) would indicate 100 mA, which is the default value.
Bit Number
Bit Name
Description
7:0
POWER_ON_TIME
Power-On Time: the length of time that it takes (in 2 ms intervals) from the
time the host initiated the power-on sequence on a port until the port has
adequate power.
Bit Number
Bit Name
Description
7:0
LANG_ID_H
USB Language ID: upper 8 bits of a 16-bit ID field
Bit Number
Bit Name
Description
7:0
LANG_ID_L
USB Language ID: lower 8 bits of a 16-bit ID field
Bit Number
Bit Name
Description
7:0
MFR_STR_LEN
Manufacturer String Length: with a maximum string length of 31 characters
(when supported).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com