Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F3283P/032PR Datasheet(PDF) 24 Page - SINOWEALTH Electronic Ltd

Part # SH79F3283P/032PR
Description  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR Datasheet(HTML) 24 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 144 page
background image
SH79F3283
24
7.3 Flash Program Memory
7.3.1 Features
 The program memory consists 32 X 1KB sectors, total 32KB
 Programming and erase can be done over the full operation voltage range
 Write, read and erase operation are all supported by In-Circuit Programming (ICP)
 Support overall/sector erase and programming
 Minimum program/erase cycles: Program area: 10000
EEPROM-like area: 100,000
 Minimum years data retention: 10
 Low power consumption
EEPROM Like Data Block
Program Memory Block
0000H
0000H
Information Block
03FFH
FFFFH
Program Memory Block
Reserved
7FFFH
The SH79F3283 embeds 32K flash program memory for program code. The flash program memory provides electrical
erasure and programming and supports In-Circuit Programming (ICP) mode and Self-Sector Programming (SSP) mode. Every
sector is 1024 bytes.
The SH79F3283 also embeds 1024 bytes EEPROM-like memory block for storing user data. Every sector is 256 bytes. It has
4 sectors.
Flash operation defined:
In-Circuit Programming (ICP): Through the Flash programmer to wipe the Flash memory, read and write operations.
Self-Sector Programming (SSP) mode: User Program code run in Program Memory to wipe the flash memory, read and write
operations.
Flash Memory Supports the Following Operations:
(1) Code Protection Control Mode
SH79F3283 code protection function provides a high-performance security measures for the user. Each partition has four
modes are available.
Code protection mode 0: allow/forbid any programmer write/read operations (not including overall erasure).
Code protection mode 1: allow/forbid through MOVC instructions to read operation in other sectors, or through SSP mode to
erased/write operation.
Code-protect control mode 2: Used to enable/disable the erase/write EEPROM operation through SSP Function.
Code-protect control mode 3: Customer password, write by customer, consists of 6 bytes. To enable the wanted protect mode,
the user must use the Flash Programmer to set the corresponding protect bit.
The user must use the following two ways to complete code protection control mode Settings:
1. Flash programmer in ICP mode is set to corresponding protection bit to enter the protected mode.
2. The SSP mode does not support code protection control mode programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com