Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F3283P/032PR Datasheet(PDF) 79 Page - SINOWEALTH Electronic Ltd

Part # SH79F3283P/032PR
Description  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR Datasheet(HTML) 79 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 82Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 83Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
SH79F3283
79
Table 8.9 LED Control Register 1
ADH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCON1
MODSW
DUTY2
DUTY1
-
-
-
-
-
R/W
R/W
R/W
R/W
-
-
-
-
-
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
-
-
-
-
-
Bit Number
Bit Mnemonic
Description
6-5
DUTY0
DUTY[2:1]
LED duty selection bit (Combination control with DUTY0)
000: 1/4 duty
001: 1/8 duty
010: 1/3 duty
011: 1/5 duty
100: 1/6 duty
101: 1/7 duty
others: 1/4 duty
7
MODSW
LCD/LED shared control bit
0: P0SS is valid
1: all the LCD/LED Pins worked as IO
Note: When MODSW = 1, set OP_MODSW to keep LCD counter data or not.
When OP_MODSW = 0, the LCD counter data scan continue, when
OP_MODSW = 1, the LCD counter data scan stop, keep the data, continue
scan when MODSW = 0.
Table 8.10 LED Clock Control Register
ACH, Bank0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DISPCLK0
-
-
-
-
-
-
DCK0.1
DCK0.0
R/W
-
-
-
-
-
-
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
0
0
Bit Number
Bit Mnemonic
Description
1-0
DCK[1:0]
LED clock prescaler select bit
00: 1/4 prescaler
01: 1/3 prescaler
10: 1/2 prescaler
11: 1/1 prescaler
Note: this register is valid when LCD clock is 128K RC only.
Note:
(1) When OP_OSC[3:0] is 1010, 1011 or 1101, LCD clock source is 32.768kHz, DISPCLK0 register is invalid, LCD frame is
64Hz.
(2) When OP_OSC[3:0] is others, LCD clock source is 128kHz, set DCK[1:0] bits in DISPCLK0 register, select 1/4, 1/3, 1/2,
1/1, prescaler, so that the LCD frame is 256/4Hz, 256/3Hz, 256/2Hz, 256/1Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com