Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F3283P/032PR Datasheet(PDF) 42 Page - SINOWEALTH Electronic Ltd

Part # SH79F3283P/032PR
Description  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/032PR Datasheet(HTML) 42 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH79F3283P/032PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 144 page
background image
SH79F3283
42
PORT4:
- INT40-INT43 (P4.0-P4.3): External interrupt input
- AN0-AN3, AN8 (P4.0-P4.4): ADC input channel
- LCD SEGMENT22-24 (P4.5-P4.7)
- AVREF (P4.4): AD reference voltage
- PWM1: PWM1 output (P4.5)
Table 7.25 PORT4 Share Table
Pin No.
Priority
Function
Enable bit
TQFP48 LQFP44 LQFP32
15-16
-
-
1
SEG22-23
Set P4S7-P4S6 bits in P0SS register, clear DISPSEL bit in
DISPCON register
2
P4.6-P4.7
Above condition is not met
17
13
-
1
PWM1
Set PWM1EN bit and set PWM1OE bit in PWM1C register
2
SEG24
Set P4S5 bits in P0SS register, clear DISPSEL bit in DISPCON
register
3
P4.5
Above condition is not met
18
14
9
1
AVREF
Set REFC bit in ADCON register
2
AN8
Set CH8 bit in ADCH Register and set SCH [2:0]
3
P4.4
Above condition is not met
19
15
10
1
AN3
Set CH3 bit in ADCH Register and set SCH [2:0]
2
INT43
Set EX4 bit in IEN1 register and set EXS43 bit in IENC register,
P4.3 in input mode
3
P4.3
Above condition is not met
20
16
11
1
AN2
Set CH2 bit in ADCH Register and set SCH [2:0]
2
INT42
Set EX4 bit in IEN1 register and set EXS42 bit in IENC register,
P4.2 in input mode
3
P4.2
Above condition is not met
21
17
12
1
AN1
Set CH1 bit in ADCH Register and set SCH [2:0]
2
INT41
Set EX4 bit in IEN1 register and set EXS41 bit in IENC register,
P4.1 in input mode
3
P4.1
Above condition is not met
22
18
13
1
AN0
Set CH0 bit in ADCH Register and set SCH [2:0]
2
INT40
Set EX4 bit in IEN1 register and set EXS40 bit in IENC register,
P4.0 in input mode
3
P4.0
Above condition is not met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com