Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 140 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 140 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 136Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 137Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 138Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 139Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 140Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 141Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 142Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 143Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 144Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 152 page
background image
SH79F6488/SH79F6489
140
SH79F6489: USB Electrical Characteristics (VDD = 4.0 - 5.5V, GND = 0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Input High Voltage (Driving)
VIH(USB)
2.0
-
-
V
D-, D+
Input High Voltage (Floating)
VIHZ(USB)
2.7
-
3.6
V
D-, D+
Input Low Voltage
VIO(USB)
-
-
0.8
V
D-, D+
Differential Input Sensitivity
VDI(USB)
0.2
-
-
V
D-, D+ (|VD+-VD-|)
Differential Common Mode Input Range
VCM(USB)
0.8
-
2.5
V
D-, D+ (Include VDI range)
Output Low Voltage
VOL(USB)
0.0
-
0.3
V
D-, D+
Output High Voltage (Driving)
VOH(USB)
2.8
-
3.6
V
D-, D+
Output Cross Voltage
VCRS(USB)
1.3
-
2.0
V
D-, D+, VDD = 4.0V - 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com