Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 41 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 41 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 152 page
background image
SH79F6488/SH79F6489
41
7.7 I/O Port
7.7.1 Features
 72 bi-directional I/O ports
 Share with alternative functions
The SH79F6488/SH79F6489 has 72 bi-directional I/O ports. The PORT data is put in Px register. The PORT control register
(PxCRy) controls the PORT as input or output. Each I/O port has an internal pull-high resistor, which is controlled by PxPCRy
when the PORT is used as input (x = 0-8, y = 0-7).
For SH79F6488/SH79F6489, some I/O pins can share with alternative functions. There exists a priority rule in CPU to avoid
these functions be conflict when all the functions are enabled. (Refer to Port Share Section for details).
7.7.2 Registers
Table 7.21 Port Control Register
E1H - E5H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
P0CR (E1H, Bank0)
P0CR.7
P0CR.6
P0CR.5
P0CR.4
P0CR.3
P0CR.2
P0CR.1
P0CR.0
P1CR (E2H, Bank0)
P1CR.7
P1CR.6
P1CR.5
P1CR.4
P1CR.3
P1CR.2
P1CR.1
P1CR.0
P2CR (E3H, Bank0)
P2CR.7
P2CR.6
P2CR.5
P2CR.4
P2CR.3
P2CR.2
P2CR.1
P2CR.0
P3CR (E4H, Bank0)
P3CR.7
P3CR.6
P3CR.5
P3CR.4
P3CR.3
P3CR.2
P3CR.1
P3CR.0
P4CR (E5H, Bank0)
P4CR.7
P4CR.6
P4CR.5
P4CR.4
P4CR.3
P4CR.2
P4CR.1
P4CR.0
P5CR (E1H, Bank1)
P5CR.7
P5CR.6
P5CR.5
P5CR.4
P5CR.3
P5CR.2
P5CR.1
P5CR.0
P6CR (E2H, Bank1)
P6CR.7
P6CR.6
P6CR.5
P6CR.4
P6CR.3
P62CR.2
P6CR.1
P6CR.0
P7CR (E3H, Bank1)
P7CR.7
P7CR.6
P7CR.5
P7CR.4
P7CR.3
P7CR.2
P7CR.1
P7CR.0
P8CR (E4H, Bank1)
P8CR.7
P8CR.6
P8CR.5
P8CR.4
P8CR.3
P8CR.2
P8CR.1
P8CR.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
PxCRy
x = 0-8, y = 0-7
Port input/output direction control Register
0: input mode
1: output mode
Table 7.22 Port Pull up Resistor Control Register
E9H - EDH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
P0PCR (E9H, Bank0)
P0PCR.7
P0PCR.6
P0PCR.5
P0PCR.4
P0PCR.3
P0PCR.2
P0PCR.1
P0PCR.0
P1PCR (EAH, Bank0)
P1PCR.7
P1PCR.6
P1PCR.5
P1PCR.4
P1PCR.3
P1PCR.2
P1PCR.1
P1PCR.0
P2PCR (EBH, Bank0)
P2PCR.7
P2PCR.6
P2PCR.5
P2PCR.4
P2PCR.3
P2PCR.2
P2PCR.1
P2PCR.0
P3PCR (ECH, Bank0)
P3PCR.7
P3PCR.6
P3PCR.5
P3PCR.4
P3PCR.3
P3PCR.2
P3PCR.1
P3PCR.0
P4PCR (EDH, Bank0)
P4PCR.7
P4PCR.6
P4PCR.5
P4PCR.4
P4PCR.3
P4PCR.2
P4PCR.1
P4PCR.0
P5PCR (E9H, Bank1)
P5PCR.7
P5PCR.6
P5PCR.5
P5PCR.4
P5PCR.3
P5PCR.2
P5PCR.1
P5PCR.0
P6PCR (EAH, Bank1)
P6PCR.7
P6PCR.6
P6PCR.5
P6PCR.4
P6PCR.3
P6PCR.2
P6PCR.1
P6PCR.0
P7PCR (EBH, Bank1)
P7PCR.7
P7PCR.6
P7PCR.5
P7PCR.4
P7PCR.3
P7PCR.2
P7PCR.1
P7PCR.0
P8PCR (ECH, Bank1)
P8PCR.7
P8PCR.6
P8PCR.5
P8PCR.4
P8PCR.3
P8PCR.2
P8PCR.1
P8PCR.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
PxPCRy
x = 0-8, y = 0-7
Input Port internal pull-high resistor enable/disable control
0: internal pull-high resistor disabled
1: internal pull-high resistor enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com