Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 100 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 100 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 152 page
background image
SH79F6488/SH79F6489
100
8.5.5 Error Detection
Error detection is available when the SSTAT bit in register PCON is set to logic 1.The SSTAT bit must be logic 1 to access any
of the status bits (FE, RXOV, and TXCOL). The SSTAT bit must be logic 0 to access the Mode Select bits (SM0, SM1, and
SM2).All the 3 bits should be cleared by software after they are set, even when the following frames received without any error
will not be cleared automatically.
Transmit Collision
The Transmit Collision bit (TXCOL bit in register SCON) reads ‘1’ if RI is set 0 and user software writes data to the SBUF
register while a transmission is still in progress. If this occurs, the new data will be ignored and the transmit buffer will not be
written.
Receive Overrun
The Receive Overrun bit (RXOV in register SCON) reads ‘1’ if a new data byte is latched into the receive buffer before software
has read the previous byte. The previous data is lost when this happen.
Frame Error
The Frame Error bit (FE in register SCON) reads ‘1’ if an invalid (low) STOP bit is detected.
Note: Before transmitting, TXD pin must be setted output high.
8.5.6 Registers
Table 8.20 Power Control Register
87H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PCON
SMOD
SSTAT
-
-
GF1
GF0
PD
IDL
R/W
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
-
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
SMOD
Baud rate doubler
0: in Mode2, the baud-rate of EUART is 1/64 of the system clock
1: in Mode2, the baud-rate of EUART is 1/32 of the system clock
6
SSTAT
SCON[7:5] function select bit
0: SCON[7:5] operates as SM0, SM1, SM2
1: SCON[7:5] operates as FE, RXOV, TXCOL
3-2
GF[1:0]
General purpose flags for software use
1
PD
Power-Down mode control bit
0
IDL
Idle mode control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com