Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 11 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 11 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 13Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 14Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 15Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
SH79F6488/SH79F6489
11
5.
Pin Description
Pin No.
Type
Description
I/O PORT
P0.0 - P0.7
I/O
8-bit bi-directional I/O port
P1.0 - P1.7
I/O
8-bit bi-directional I/O port
P2.0 - P2.7
I/O
8-bit bi-directional I/O port
P3.0 - P3.7
I/O
8-bit bi-directional I/O port
P4.0 - P4.7
I/O
8-bit bi-directional I/O port
P5.0 - P5.7
I/O
8-bit bi-directional I/O port
P6.0 - P6.7
I/O
8-bit bi-directional I/O port
P7.0 - P7.7
I/O
8-bit bi-directional I/O port
P8.0 - P8.7
I/O
8-bit bi-directional I/O port
Timer/Counter
T2
I/O
Timer2 external input/output
T3
I
Timer3 external input
T4
I/O
Timer4 external input/output
T2EX
I
Timer2 Reload/Capture/Direction Control
PWM
PWM0
O
Output pin for 12-bit PWM0 timer
PWM1
O
Output pin for 12-bit PWM1 timer
PWM2
O
Output pin for 12-bit PWM2 timer
EUART
RXD
I
EUART data input
TXD
O
EUART data output
ADC
AIN0-
I
Negative differential input ADC pin 0
AIN0+
I
Positive differential input ADC pin 0
AIN1-
I
Negative differential input ADC pin 1
AIN1+
I
Positive differential input ADC pin 1
AIN2-
I
Negative differential input ADC pin 2
AIN2+
I
Positive differential input ADC pin 2
AN0
I
ADC single-ended input pin 0
AN1
I
ADC single-ended input pin 1
AN2
I
ADC single-ended input pin 2
AN3
I
ADC single-ended input pin 3 for battery voltage monitor
VREF
I/O
ADC reference voltage input/output pin, connect 0.1
μF capacitor to AGND
VIN+
I/O
PGA positive input/output pin, connect 0.1
μF capacitor to VIN-
VIN-
I/O
PGA negative input/output pin, connect 0.1
μF capacitor to VIN+
OP
OP+
I
OP positive input pin
OP-
I
OP negative input pin
OP_O
O
OP Output pin
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com