Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 72 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 72 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 68Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 69Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 70Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 71Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 72Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 152 page
background image
SH79F6488/SH79F6489
72
8.2 LCD Driver
SH79F6488/SH79F6489 has two LCD drive mode: Normal Resistor LCD Driver with Fast charge and low power
LCD driver can work in IDLE and Power-down mode.
8.2.1 Normal Resistor LCD Driver with Fast charge
The LCD driver contains a controller, a duty cycle generator with 4/5/6 Common signal pins and 34/35/36 Segment driver pins.
Segment 1-36 and COM1-COM4 can also be used as I/O port, it is controlled by the P5SS、P6SS、P7SS、P8SS、PXSS register.
The 36 bytes display data RAM is addressed to 900H-923H, which could be used as data memory if needed.
The MCU consists normal display topologies with contrast adjustment which supports both 1/4duty-1/3bias and 1/5duty-1/3
bias and 1/6duty-1/3 bias driving mode. Fast Charge mode can effectively reduce the power consumption.
In addition, the LCD also provide another kind of work mode:Low power consumptionLCD (SLP), supports both 1/2/3/4COM
duty.
VLCD equals to VDD.
When MCU enters the Power-Down mode, the SLP LCD will be tsuggested.
During the Power on Reset or Pin Reset or LVR Reset or Watch-dog Reset, the LCD will be turned off, and Common and
Segment will output low.
The features of the LCD Normal Display Mode include the following:
- 1/4duty -1/3 bias or 1/5 duty - 1/3 bias by configuring the DUTY bit in LCDCON register.
- LCD frame = 64Hz.
- 4 levels contrast adjustment by configuring the CONTR[1:0] bits in LCDCON1 register.
LCD bias resistor (RLCD) can be selected as 20K/150K
Ω.The relatively high current drain through the 20k resistor will get better
LCD display effect, but it may not be suitable for some low current consume application. Lowering this current is possible by
configucring the MOD[1:0] for switching the RLCD value to 150K.
Therefore, SH79F6488/SH79F6489 provides both the low power consumption and display effect of the display mode:fast
charge mode.
When refresh the display data 20k bias resistors are selected to provide larger current.When keep the display data 150K bias
resistors are selected to save drive current. Charging time is selected as 1/4、1/8、1/16 or 1/32 of LCD com period by
FCCTL[1:0] in DISPCLK1 register.
The definition of the LCD clock is as following:
(1) when code option OP_OSC = 0000, LCDCLK is about 32kHz from internal 12MHz RC prescaler. (Refer to code option
section for details)
(2) when code option OP_OSC = 1010, LCDCLK is 32.768kHz crystal oscillator. (Refer to code option section for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com