Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 60 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 60 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 62Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 63Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 64Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 152 page
background image
SH79F6488/SH79F6489
60
Mode1: 16-bit Auto-Reload Timer with T4 Edge Trig
Timer4 operates as 16-bit timer in Mode1. The TH4 register holds the high eight bits of the 16-bit counter/timer, TL4 holds the
low eight bits. As the 16-bit timer register increments and overflows from 0xFFFF to 0x0000, the timer overflow flag TF4
(T4CON.7) is set and the 16-bit value in timer load register are reloaded into timer counter register, and an interrupt will occur if
Timer4 interrupts is enabled. The T4CLKS bit (T4CON.0) is 0 always. Only the system clock is selected as Timer4 clock.
In Mode2, After Setting the TR4 bit (T4CON.1), Timer4 does not start counting but waits the trig signal (rising or falling edge
controlled by T4M[1:0]) from T4. An active trig signal will start the Timer4. When Timer 4 overflows from 0XFFFF to 0x0000, TF4
will be set, TH4 and TL4 will be reloaded from timer load register, and Timer4 holds and waits the next trig edge.
When Timer4 is working, an active trig signal maybe come, if TC bit equals 0, the trig signal will be ignored; if TC bit equals 1,
Timer4 will be re-trigged.
Setting TR4 does not force the timer to reset. The timer register should be loaded with the desired initial value before the timer
is enabled.
TF4
The Block Diagram of Mode 2 of Timer 4
TL4
TH4
Increment Mode
0:Switch Off
1:Switch On
16 bit Counter
T4
Interrupt
Request
Overflow
Flag
TR4
System Clock
Prescaler
1,8,64,256
T4PS[1:0]
+
control
M2_en
TC4
control
: M2_en set to 1 when T4 edge trig, M2_en set to 0 when counter overflow
Note: When Timer4 is used as a counter, the frequency of input signal of T4 pin must be less than half of system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com