Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 27 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 27 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
SH79F6488/SH79F6489
27
7.3.2 Flash Operation in ICP Mode
ICP mode is performed without removing the micro-controller from the system. In ICP mode, the user system must be
power-off, and the programmer can refresh the program memory through ICP programming interface. The ICP programming
interface consists of 6 wires (VDD, GND, TCK, TDI, TMS, TDO).
At first the four JTAG pins (TDO, TDI, TCK, TMS) are used to enter the programming mode. Only after the three pins are
inputted the specified waveform, the CPU will enter the programming mode. For more detail description please refers to the
FLASH Programmer’s user guide.
The ICP mode supports the following operations:
(1) Code-Protect Control mode Programming
SH79F6488/SH79F6489 implements code-protect function to offer high safeguard for customer code. Two modes are
available for each sector.
Code-protect control mode 0: Used to enable/disable the write/read operation (except mass erase) from any
programmer.
Code-protect control mode 1: Used to enable/disable the read operation through MOVC instruction from other sectors; or
the sector erase/write operation through SSP Function.
To enable the wanted protect mode, the user must use the Flash Programmer to set the corresponding protect bit.
(2) Mass Erase
The mass erase operation will erase all the contents of program code, code option, code protect bit and customer code ID,
regardless the status of code-protect control mode. (The Flash Programmer supplies customer code ID setting function for
customer to distinguish their product.)
Mass erase is only available in Flash Programmer.
(3) Sector Erase
The sector erase operation will erase the contents of program code of selected sector . This operation can be done by Flash
Programmer or the user’s program.
If done by the Flash Programmer, the code-protect control mode 0 of the selected sector must be disabled.
(4) EEPROM-Like Erase
The EEPROM-Like erase operation will erase the contents of program code of EEPROM-Like. This operation can be done
by Flash Programmer or the user’s program.
(5) Write/Read Code
The Write/Read Code operation will write the customer code into the Flash Programming Memory or read the customer
code from the Flash Programming Memory. This operation can be done by Flash Programmer or the user’s program.
If done by the user’s program, the code-protect control mode 1 of the selected sector must be disabled. But the program can
read/write its own sector regardless of its security bit.
If done by the Flash Programmer, the code-protect control mode 0 of the selected sector must be disabled.
(6) Write/Read EEPROM-Like
The Write/Read EEPROM-Like operation will write the customer data into the EEPROM-Like or read the customer data
from the EEPROM-Like. This operation can be done by Flash Programmer or the user’s program.
Operation
ICP
SSP
Code Protection
Yes
No
Sector Erase
Yes
(without security bit)
Yes
(without security bit)
Mass Erase
Yes
No
EEPROM-like Erase
Yes
Yes
Write/Read
Yes
(without security bit)
Yes
(without security bit or its own sector)
EEPROM-like Write/Read
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com