Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 104 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 104 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 152 page
background image
SH79F6488/SH79F6489
104
8.6.3 Registers
Table 8.26 ADC Control Register
93H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADCON
ADON
ADCIF
VREFIN
VREFS
SCH3
SCH2
SCH1
SCH0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7
ADON
ADC Control bit
0: Disable ADC module
1: Enable ADC module, set to start AD convert
6
ADCIF
ADC Interrupt Flag bit
0: No ADC interrupt generate, must be cleared by software
1: Set by hardware, one conversion complete
5
VREFIN
Internal Reference voltage select bit
0: Select VREF1, the value is controlled by VREF[1:0], divided by VDDR, same
source of VDDR
1: Select VREF2, the voltage is 1.19V,not the same source of VDDR.
4
VREFS
ADC Reference voltage select bit
0: Select internal reference voltage, VREFOS bit must write “1”
1: Select external reference voltage in VREF pin, VREFOS bit must write “1”
3-0
SCH[3:0]
ADC Channel Select bits
0000: ADC differential input AIN0+, AIN0-
0001: ADC differential input AIN1+, AIN1-
0010: ADC differential input AIN2+, AIN2-
0011: PGA internal short, connect with VCOM
0100: ADC input AN0
0101: ADC input AN1
0110: ADC input AN2
0111: ADC input AN3
1000: reserved
1001: PGA Positive connect with VREF, PGA Negative connect with AGND
1010: PGA Positive connect with AGND, PGA Negative connect with VREF
Others: ADC differential input AIN0+, AIN0-
Notes:
(1) Clearing ADON bit during converting time will stop current AD conversion.
(2) AN0/1/2/3 inputs are Isolated by OP, connect to PGA through divider resistors, keep input voltage < VDDR-0.3V.
(3) VREF pin needs to be connect 104 capacitance between AGND.
(4) AN0/1/2/3 Single-ended input. PGA gain can't be more than eight times.make sure PGA input voltage *gain < VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com