Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 105 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 105 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 152 page
background image
SH79F6488/SH79F6489
105
ADC Channel Diagram:
PGA
PGA
+
-
ADC
module
+
-
AINx-
AINx+
SCH [3:0] = 0000
+
-
GAIN [3:0]
ADC
module
+
-
SCH [3:0] = 0011
GAIN [3:0]
VREF
VREF
VCOM
SCH [3:0] = 0010
SCH [3:0] = 0001
x = 0 - 2
SCH [3:0] = 0101
SCH [3:0] = 0110
SCH [3:0] = 0100
100K
50K
150K
AGND
AN0/1/2/3
+
-
PGA
+
-
ADC
module
+
-
GAIN [3:0]
VREF
SCH [3:0] = 0111
Note:
(1) If SCH[3:0] = 0100, 0101, 0110 or0111 it used to measure voltage value of VDD. AN0/1/2/3 inputs are Isolated by OP,
connect to PGA through divider resistors, ADC will sample 1/6 voltage of the sigle-ended inputs. keep input voltage <
VDDR-0.3V.
(2) VCOM = 0.5VDDR
Table 8.27 ADC Clock Register
94H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADT
TADC7
TADC6
TADC5
TADC4
TADC3
TADC2
TADC1
TADC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
TADC[7:0]
ADC Clock Register
ADC Clock = fSYS/2/(256-TADC[7:0])
Note:
(1) The fSYS is system Clock, it will affect ADC clock when system clock prescaler is changed;
(2) ADT register sets ADC working clock, 100kHz is recommended as ADC clock;
(3) The relation between ADC clock and ADT: ADC clock = fSYS/2/(256-TADC[7:0]);
(4) ADC conversion rate: ADC clock/4000;
(5) AC power 50Hz noise will be filtered out when ADC conversion rate is 25Hz;
(6) AC power 60Hz noise will be filtered out when ADC conversion rate is 20Hz;
(7) Both AC power 50Hz and 60Hz noise will be filtered out when ADC conversion rate is 10Hz;
(8) ADC precision will affect when conversion rate more than 50Hz.(Refer to electrical characteristics section for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com