Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 110 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 110 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 114Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 152 page
background image
SH79F6488/SH79F6489
110
8.8 High-performance Operational Amplifier (OP)
8.8.1 Features
Single power supply
Internally frequency compensated
The SH79F6488/SH79F6489 provides 1 high-performance operational amplifiers. The Operational amplifier can be applied to
constant current source circuit, constant voltage source circuit, small signal amplifier circuit, etc. Such as driving resistance type
pressure sensor.
Application diagram.
MCU
-
+
GND
OP+
OP
-
OP
_O
AINx+
AINx
-
GND
VDDR
OP
+
-
+
-
PGA
ADC
8.8.2 Registers
Table 8.32 OP Control Register
A2H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
OPCON
-
-
-
-
-
-
OPOS
OPEN
R/W
-
-
-
-
-
-
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
1
0
Bit Number
Bit Mnemonic
Description
1
OPOS
OP Configuration bit
0: P2.1-P2.3 as I/O
1: P2.1-P2.3 as OP
0
OPEN
OP enable Control bit
0: disable OP function
1: enable OP function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com