Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F6488P/080PR Datasheet(PDF) 131 Page - SINOWEALTH Electronic Ltd

Part # SH79F6488P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6488P/080PR Datasheet(HTML) 131 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6488P/080PR Datasheet HTML 127Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 128Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 129Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 130Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 131Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 132Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 133Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 134Page - SINOWEALTH Electronic Ltd SH79F6488P/080PR Datasheet HTML 135Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 152 page
background image
SH79F6488/SH79F6489
131
Code Option OP_CRMC and OP_OSCDRV combinated functions as below:
No.
OP_CRMC
OP_OSCDRV
Drive Ability
Oscillator Type
1
0
00
weak
Crystal Oscillator 400KHz - 4MHz
2
0
01
normal
Crystal Oscillator 4MHz - 16MHz
3
1
00
weak
Ceramic Oscillator < 2MHz
4
1
01
normal
Ceramic Oscillator 2MHz - 8MHz
5
1
10
strong
Ceramic Oscillator 8MHz - 16MHz
OP_RCUSBCAL:
0: Disable USB calibration
1: Enable USB calibration (Default)
OP_RC32KCAL:
0: Disable 32.768KHz crystal calibration
1: Enable 32.768KHz crystal calibration (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com