Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9780TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 4Page - STMicroelectronics L9780TR Datasheet HTML 5Page - STMicroelectronics L9780TR Datasheet HTML 6Page - STMicroelectronics L9780TR Datasheet HTML 7Page - STMicroelectronics L9780TR Datasheet HTML 8Page - STMicroelectronics L9780TR Datasheet HTML 9Page - STMicroelectronics L9780TR Datasheet HTML 10Page - STMicroelectronics L9780TR Datasheet HTML 11Page - STMicroelectronics L9780TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Pin description
L9780
8/56
DocID026356 Rev 3
18
CSN
SPI chip select
19
VCCI
Digital transfer level supply
20
GNDD
Digital ground
21
VCCD
Digital supply
22
n.c.
Not connected pin
23
n.c.
Not connected pin
24
n.c.
Not connected pin
25
C1B
Compensation network pin1, side B
26
C2B
Compensation network pin2, side B
27
C3
Compensation network common pin
28
C2A
Compensation network pin2, side A
29
C1A
Compensation network pin1, side A
30
FV
VCCS filtered control voltage pin
31
FVOUT
Analog output
32
BG
Bandgap voltage
33
CL2
VCCS voltage clamp channel 2
34
CL1
VCCS voltage clamp channel 1
35
n.c.
Not connected pin
36
n.c.
Not connected pin
37
VCCCP
Charge pump supply
38
FLCP1
Charge pump floating pin 1
39
FLCP2
Charge pump floating pin 2
40
GNDCP
Charge pump analog ground
41
CP
-5V charge pump output
42
VESD
ESD reference voltage
43
GNDA
Analog ground
44
VCCA
Analog supply
45
n.c.
Not connected pin
46
TG2
Switching TAG resistor pin channel 2
47
OUT2
Pump cell output pin channel 2
48
OUT1
Pump cell output pin channel 1
Table 2. Pin function (continued)
Pin number
Pin name
Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com