Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9780TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 8Page - STMicroelectronics L9780TR Datasheet HTML 9Page - STMicroelectronics L9780TR Datasheet HTML 10Page - STMicroelectronics L9780TR Datasheet HTML 11Page - STMicroelectronics L9780TR Datasheet HTML 12Page - STMicroelectronics L9780TR Datasheet HTML 13Page - STMicroelectronics L9780TR Datasheet HTML 14Page - STMicroelectronics L9780TR Datasheet HTML 15Page - STMicroelectronics L9780TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Main functionalities
L9780
12/56
DocID026356 Rev 3
4
Main functionalities
4.1
Power supplies
4 different power supplies are present in the device: VCCA, VCCD, VCCCP, VCCI,
respectively for analog part, digital part, charge pump, digital interfaces. Digital inputs are
compatible with 2 different logic levels (5 V or 3.3 V, the possible levels for VCCI), and are
converted to the range 0V-VCCD using internal level shifters connected to VCCD and VCCI.
In the device a negative charge pump is also present and it is used to generate -5 V voltage
level (on CP pin), to bias the substrate and to allow the excursion to the negative range to
the output pins of VCCS. Charge pump clock frequency is 2 MHz.
3 different ground pins are also present in the device: GNDA, GNDD, GNDCP, respectively
for analog, digital and charge pump circuitry.
Possible ranges for power supplies, currents consumption and input/output logic levels are
specified in Table 9, Table 12 and Table 13. External component values are specified in
Table 19.
4.2
Pin protection
On the device a high ESD reference voltage pin (VESD) is available and is used as a
protection for the pins externally connected to the sensor and for HD pin; this voltage must
be the highest in the application and has to be always connected to the device, through the
RC low pass filter shown in Figure 12 (external component values are specified in Table 19).
For pins compatible to negative voltages, the negative ESD reference voltage is the
substrate (internally connected to CP pin, -5 V). All the other pins have a 5V positive ESD
protection voltage level and GND as negative ESD protection voltage level.
4.3
Internal references
Into the device the following voltage references are present:
–
a band-gap voltage (typical value 1.215 V) with 3 trimming bits dedicated;
–
REF voltage; obtained as the band-gap multiplied by a factor of 1.555; typical
value for this voltage is 1.89 V (possible range for this parameter is specified in
Table 10.
–
REF2 voltage; typical value is about VCCA/2 (possible range for this parameter is
specified in Table 11).
All internal currents are generated from a reference current obtained by the band-gap
(buffered on BG pin) applied on an external resistance; the possible BG pin voltage range is
specified in Table 9, the value of external resistance is defined in Table 19.
All timing references are calculated as multiples of the period of the internal oscillator
(TOSC); the typical oscillation frequency is 4 MHz, the possible range is specified in
Table 15. Internal oscillator has 4 trimming bits dedicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com