Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9780TR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 30Page - STMicroelectronics L9780TR Datasheet HTML 31Page - STMicroelectronics L9780TR Datasheet HTML 32Page - STMicroelectronics L9780TR Datasheet HTML 33Page - STMicroelectronics L9780TR Datasheet HTML 34Page - STMicroelectronics L9780TR Datasheet HTML 35Page - STMicroelectronics L9780TR Datasheet HTML 36Page - STMicroelectronics L9780TR Datasheet HTML 37Page - STMicroelectronics L9780TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Digital interface description
L9780
34/56
DocID026356 Rev 3
If the device receives an SPI command in order to modify VCCSEN bit in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. VCCSEN bit value reported in the output register is the value used in
the last measurement cycle.
Refer to INRCPD bit description to define VCCS and INRC pull-down current switch on
sequence.
Refer to VCCSPD bit description to define VCCS and VCCS pull-down resistor switch on
sequence.
For correct use of this bit, refer also to Section 5.5.3.
Default state for this bit after power on reset: 0.
Bit 53: VCCSOUT
This bit selects VCCS output channel (and corresponding TG pin) as follows:
VCCSOUT=’0’ => selected channel 1;
VCCSOUT=’1’ => selected channel 2.
If the device receives an SPI command in order to modify VCCSOUT bit in the middle of a
measurement cycle while VCCS is disabled, it stores the new information and applies it at
the beginning of the new measurement cycle. VCCSOUT bit value reported in the output
register is the value used in the last measurement cycle.
For correct use of this bit, refer also to Section 5.5.3.
Default state for this bit after power on reset: 0.
Bit 52: VCCSPD
This bit enables (VCCSPD=’1’) or disables (VCCSPD=’0’) VCCS pull-down resistor on
OUT1 pin.
If the device receives an SPI command in order to modify VCCSPD bit in the middle of a
measurement cycle, it stores the new information and applies it at the beginning of the new
measurement cycle. VCCSPD bit value reported in the output register is the value used in
the last measurement cycle.
If the device receives an SPI command in order to modify VCCSPD and VCCSEN bits at the
same time, it will perform these two actions in sequence, with a delay between the two
events. In particular if in the input frame VCCSPD=’0’ and VCCSEN =’1’, the device disables
VCCS pull-down before enabling VCCS, viceversa if in the input frame VCCSPD=’1’ and
VCCSEN =’0’, the device disables VCCS before enabling VCCS pull-down resistor.
For correct use of this bit, refer also to Section 5.5.3.
Default state for this bit after power on reset: 1.
Bit 51: COMPSEL
This bit selects the output compensation network as follows:
COMPSEL=’0’ => selected channel A;
COMPSEL=’1’ => selected channel B.
If the device receives an SPI command in order to modify COMPSEL bit in the middle of a
measurement cycle while VCCS is disabled, it stores the new information and applies it at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com