Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9780TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 12Page - STMicroelectronics L9780TR Datasheet HTML 13Page - STMicroelectronics L9780TR Datasheet HTML 14Page - STMicroelectronics L9780TR Datasheet HTML 15Page - STMicroelectronics L9780TR Datasheet HTML 16Page - STMicroelectronics L9780TR Datasheet HTML 17Page - STMicroelectronics L9780TR Datasheet HTML 18Page - STMicroelectronics L9780TR Datasheet HTML 19Page - STMicroelectronics L9780TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Main functionalities
L9780
16/56
DocID026356 Rev 3
VCCS is a voltage controlled current source and is able to sink or source current from the
pump cell, depending on its control voltage, that is the voltage present on C3 pin. Through
TG and OUT pins there is the VCCS output current flow, while SNS is a sense pin. VCCS
present in L9780 has 2 output channels (1 and 2), selectable via SPI (using bit VCCSOUT);
TG and OUT pins of the non selected channel are in high impedance condition. In VCCS
architecture there are 2 internal switches (TG switches) able to short OUT and TG pins of
the selected channel (see Figure 6); the actuation of these switches can be selected via SPI
(using bit TGEN).
Figure 6. VCCS external resistance configuration
If the switch is in off condition the TG pin of the selected channel is in high impedance state.
If the TG switch is in on state the output current of VCCS structure can flow both through TG
and OUT pins and can be described with the following expression:
Iout = - (C3 – REF2)/Rtot
where Rtot is the external total resistance, that can be obtained as a combination of all the
external resistances connected to the VCCS pins. Referring to Figure 6, Rtot can be
calculated as follows:
Rtot = Rout // (Rtg + TAG resistor)
where Rtg and Rout are the series resistances of the VCCS pins related to the selected
channel.
Otherwise, if TG switch is in off state, Rtot = Rout and consequently the VCCS output current
can be described with the following expression:
Iout = - (C3 – REF2)/Rout
The VCCS characteristic is shown in Figure 7. In this figure the relationship between SNS
voltage and the voltage on Rtot resistance (that is equal to the difference between OUT
voltage and SNS voltage) is defined; these two quantities are in agreement in sign as both



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com