Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9780TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 26Page - STMicroelectronics L9780TR Datasheet HTML 27Page - STMicroelectronics L9780TR Datasheet HTML 28Page - STMicroelectronics L9780TR Datasheet HTML 29Page - STMicroelectronics L9780TR Datasheet HTML 30Page - STMicroelectronics L9780TR Datasheet HTML 31Page - STMicroelectronics L9780TR Datasheet HTML 32Page - STMicroelectronics L9780TR Datasheet HTML 33Page - STMicroelectronics L9780TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Diagnostic
L9780
30/56
DocID026356 Rev 3
5.5.2
SPI length fault
Receiving an SPI frame with a length different from [64 + (n*8)] bits is considered an SPI
length fault, immediately detected and validated.
Actions
Once an SPI length fault is validated the following actions are taken:
1.
Ignore the corrupted message;
2.
Assert SPIF1 and de assert SPIF2 bits in the output register; these bits are latched until
cleared by CLEARFLT;
3.
Set REG bit to ‘0’.
5.5.3
SPI not valid command fault
Any of the following conditions is considered an SPI not valid command fault:
1.
SPI frame with INRCPD = VCCSEN = 1;
2.
SPI frame with VCCSPD = VCCSEN = 1;
3.
When VCCS is enabled, the SPI frame modifies VCCSOUT, COMPSEL or
VCCSCAP[5..0] bit status;
4.
When VCCS and clamp are enabled, the SPI frame modifies CLAMPCL or CLAMPSIM
bit status.
The fault is validated immediately.
Actions
Once an SPI not valid command fault is validated the following actions are taken:
1.
Ignore the corrupted message;
2.
Assert and latch SPIF1 and de assert SPIF2 bits in the output register; these bits are
latched until cleared by CLEARFLT;
3.
Set REG bit to ‘0’.
5.6
Loss of ground
L9780 has no loss of ground detection. If one of the grounds exceeds the power on reset
voltage threshold, the device enters the reset condition. For detailed description see
Section 4.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com