Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9780TR Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9780TR
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780TR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9780TR Datasheet HTML 39Page - STMicroelectronics L9780TR Datasheet HTML 40Page - STMicroelectronics L9780TR Datasheet HTML 41Page - STMicroelectronics L9780TR Datasheet HTML 42Page - STMicroelectronics L9780TR Datasheet HTML 43Page - STMicroelectronics L9780TR Datasheet HTML 44Page - STMicroelectronics L9780TR Datasheet HTML 45Page - STMicroelectronics L9780TR Datasheet HTML 46Page - STMicroelectronics L9780TR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
DocID026356 Rev 3
43/56
L9780
Electrical characteristics
55
7
Electrical characteristics
7.1
DC characteristics
VCCD = VCCA = VCCCP = 4.9 V to 5.1 V, VCCI = 3.14 V to VCCD, Rbg = 12.1 k ±1%,
Tamb =-40°C to 125/150°C; unless otherwise specified.
Table 9. Supplies and control inputs
Parameter
Conditions
Min.
Max.
Unit
Power supplies
VCCA + VCCD + VCCCP current
VCCS disabled
-
30
mA
VCCS enabled, full load
-
40
mA
VESD pin leakage current
VESD voltage = 14.7V; Tj = 85 °C
-
5
μA
VESD voltage = 40 V
-
20
μA
Negative supply voltage (CP pin)
CP current = 18 mA;
OUT, TG current = 0 mA
-VCCCP
-4.3
V
Interface logic level supply current
consumption (VCCI pin)
SO pin current = -800 μA
0
1
mA
POR (power on reset)
VCCA POR threshold
Release reset above this voltage
-
4.6
V
Issue reset below this voltage
4.1
4.45
V
VCCA POR hysteresis
-
100
300
mV
VCCD, VCCCP POR threshold
Release reset above this voltage
3.82
4.22
V
Issue reset below this voltage
3.58
3.98
V
VCCD + VCCCP POR hysteresis -
140
440
mV
GNDD, GNDCP loss detection
Referred to GNDA
175
225
mV
VCCA loss detection
VCCD - VCCA
165
215
mV
GNDA loss detection
GNDA - GNDD
165
215
mV
Current reference
Reference pin voltage (BG pin)
-
1.178
1.252
V
Logic levels (SI, CLK, CSN, PW, SY pins)
Input high voltage
-
-
0.7
VCCI
Input low voltage
-
0.3
-
Input hysteresis
-
0.1
-
SI, CLK input leakage current
Vin = VCCI
-
1
μA
Vin = from 0V to input low voltage max
-1
-
Input pull-up current (CSN, PW
pins)
Vin = from GNDA to input high voltage
min
-50
-10
Input pull-down current (SY pin)
Vin = from input low voltage min to VCCI
10
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com