Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8090GA Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA8090GA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090GA Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA8090GA Datasheet HTML 13Page - STMicroelectronics STA8090GA Datasheet HTML 14Page - STMicroelectronics STA8090GA Datasheet HTML 15Page - STMicroelectronics STA8090GA Datasheet HTML 16Page - STMicroelectronics STA8090GA Datasheet HTML 17Page - STMicroelectronics STA8090GA Datasheet HTML 18Page - STMicroelectronics STA8090GA Datasheet HTML 19Page - STMicroelectronics STA8090GA Datasheet HTML 20Page - STMicroelectronics STA8090GA Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DS10820 Rev 5
17/32
STA8090GA
General description
31
3.4.6
GPIO
The GPIO block provides thirteen (13) programmable inputs or outputs. Each input or output
can be controlled in two modes:
software mode through an APB bus interface
alternate mode, where GPIO becomes a peripheral input or output line
Any GPIO input can be independently enabled or disabled (masked) for interrupt
generation. User can select for each GPIO which edge (rising, falling, both) will trigger an
interrupt.
3.4.7
ADC
10 bit SAR ADC operating at 1.8 V analog supply. It can convert up to 2 single ended
channels with analog input multiplexer at 500KSPS
3.4.8
RTC
This is an always-on power domain dedicated to RTC logic (backup system) with 32 Kbyte
SRAM and supplied with a dedicated voltage regulator.
The RTC provides a high resolution clock which can be used for GPS. It keeps the time
when the system is inactive and can be used to wake the system up when a programmed
alarm time is reached. It has a clock trimming feature to compensate for the accuracy of the
32.768 kHz crystal and a secured time update.
RTC features
47-bit counter clocked by 32.768 kHz clock
32-bit for the integer part (seconds) and 15-bit for the fractional part
The integer part and the fractional part are readable independently
The counter, once enabled, can be stopped
Integer part load register (32-bit)
Fractional part load register (15-bit)
Load bit to transfer the content of the entire load register (integer+fractional part) to the
47-bit counter. Once set by the MCU this bits is cleared by the hardware to signal to the
MCU that the RTC has been updated.
3.4.9
MSP
The STA8090GA provides one MSP transmitter block.
Element (data) size from 8 to 32 bits, LSB or MSB first
Programmable frequency shift clock for data transfer
Direct interface to SPI compliant devices
Transmit first-in, first-out memory buffers (FIFOs), 32-bit wide, 8 locations deep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com