Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8090GA Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA8090GA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090GA Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA8090GA Datasheet HTML 17Page - STMicroelectronics STA8090GA Datasheet HTML 18Page - STMicroelectronics STA8090GA Datasheet HTML 19Page - STMicroelectronics STA8090GA Datasheet HTML 20Page - STMicroelectronics STA8090GA Datasheet HTML 21Page - STMicroelectronics STA8090GA Datasheet HTML 22Page - STMicroelectronics STA8090GA Datasheet HTML 23Page - STMicroelectronics STA8090GA Datasheet HTML 24Page - STMicroelectronics STA8090GA Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DS10820 Rev 5
21/32
STA8090GA
Electrical characteristics
31
4.7
DC characteristics
Table 12 specifies the SMPS voltage regulator characteristics.
Table 13 specifies the LDO1 voltage regulator characteristics.
Table 14 specifies the LDO2 voltage regulator characteristics.
Table 15 specifies the low voltage detection thresholds
VDD_ANA
SMPS input supply (1.6 V to 4.3 V)
1.60
4.30
V
TC
Operating case temperature
-40
85
°C
Table 11. Recommended DC operating conditions (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Table 12. SMPS DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOM
Output voltage (1.2 V)
1.6 V ≤ VINM ≤ 4.3 V;
IOM ≤ 100 mA
1.1
1.20
1.32
V
Output voltage (1.8 V)
2.1 V ≤ VINM ≤ 4.3 V;
IOM ≤ 100 mA
1.71
1.80
1.89
V
IOM
Output current
0
—
100
mA
Table 13. LDO1 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL1
Output voltage (1.2V)
1.6 V ≤ VINL1 ≤ 4.3 V;
IOL1 ≤ 70 mA
1.1
1.20
1.32
V
Output voltage (1.8V)
2.1 V ≤ VINL1 ≤ 4.3 V;
IOL1 ≤ 70 mA
1.71
1.80
1.89
V
IOL1
Output current
0
—
70
mA
Table 14. LDO2 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL2
Output voltage
1.6 V ≤ VINL2 ≤ 4.3 V;
IOL2 ≤ 30 mA
1.08
1.20
1.32
V
IOL2
Output current
0
—
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com