Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8090GA Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA8090GA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090GA Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA8090GA Datasheet HTML 18Page - STMicroelectronics STA8090GA Datasheet HTML 19Page - STMicroelectronics STA8090GA Datasheet HTML 20Page - STMicroelectronics STA8090GA Datasheet HTML 21Page - STMicroelectronics STA8090GA Datasheet HTML 22Page - STMicroelectronics STA8090GA Datasheet HTML 23Page - STMicroelectronics STA8090GA Datasheet HTML 24Page - STMicroelectronics STA8090GA Datasheet HTML 25Page - STMicroelectronics STA8090GA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Electrical characteristics
STA8090GA
22/32
DS10820 Rev 5
Table 16 lists the DC characteristics for all the IO digital buffers expect for the following input
buffers: STBYn (23), STDBY_OUT (22), WAKEUP (25), TRSTn (20) and RSTn (24).
Table 17 lists the DC characteristics for the 1.0 V IO digital buffers input buffers: STBYn
(23), STDBY_OUT (22), WAKEUP (25), TRSTn (20) and RSTn (24).
Table 15. Low voltage detection thresholds
Parameter
Min.
Typ.
Max.
Unit
Input LVD always on
and main VRs(1)
1. Not tested in production.
Upper voltage threshold
—
1.680
—
V
Lower voltage threshold
—
1.650
—
V
Output LVD always
on VR(1)
Upper voltage threshold
—
0.995
—
V
Lower voltage threshold
—
0.935
—
V
Output LVD main VR
(1.1 V)(1)
Upper voltage threshold @ VOLM = 1.2 V
—
1.142
—
V
Lower voltage threshold @ VOLM = 1.2 V
—
1.076
—
V
Upper voltage threshold @ VOLM = 1.1 V
—
1.048
—
V
Lower voltage threshold @ VOLM = 1.1 V
—
0.986
—
V
Output LVD main VR
(1.8 V)(1)
Upper voltage threshold @ VOL1 = 1.8 V
—
1.645
—
V
Lower voltage threshold @ VOL1 = 1.8 V
—
1.626
—
V
Table 16. I/O buffers DC characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
VIL(1)
1. Excludes oscillator inputs RTC_XTI and XTAL_IN. Refer to oscillator electrical specifications.
Logical input low level voltage
VDDIO = 1.8 V
-0.3
—
0.3 * VDDIO
V
VDDIO = 3.3V
-0.3
—
0.8
V
VIH(1)
Logical input high level
voltage
VDDIO = 1.8 V
0.7 * VDDIO
—VDDIO + 0.3
V
VDDIO = 3.3V
2.0
—
VDDIO + 0.3
V
VHYST(2)
2. Apply to all digital inputs unless specified otherwise.
Schmitt-trigger hysteresis
–
50
—
mV
VOL
Low level output voltage
VDDIO = 1.8 V
—
0.4
V
VDDIO = 3.3V
—
0.4
V
VOH
High level output voltage
VDDIO = 1.8 V
VDDIO - 0.4
—
V
VDDIO = 3.3V
VDDIO - 0.4
—
V
Table 17. 1.0 V I/O buffers DC characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Logical input low level voltage VOB = 1.0 V
-0.3
—
0.35 * VOB
V
VIH
Logical input high level voltage VOB = 1.0 V
0.65 * VOB
—VOB + 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com