Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8090GA Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA8090GA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090GA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA8090GA Datasheet HTML 19Page - STMicroelectronics STA8090GA Datasheet HTML 20Page - STMicroelectronics STA8090GA Datasheet HTML 21Page - STMicroelectronics STA8090GA Datasheet HTML 22Page - STMicroelectronics STA8090GA Datasheet HTML 23Page - STMicroelectronics STA8090GA Datasheet HTML 24Page - STMicroelectronics STA8090GA Datasheet HTML 25Page - STMicroelectronics STA8090GA Datasheet HTML 26Page - STMicroelectronics STA8090GA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DS10820 Rev 5
23/32
STA8090GA
Electrical characteristics
31
4.8
AC characteristics
4.8.1
RF electrical specifications
VOL
Low level output voltage
VOB = 1.0 V
0.2
V
VOH
High level output voltage
VOB = 1.0 V
VOB - 0.2
V
Table 17. 1.0 V I/O buffers DC characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 18. RFACHAIN – GALGPS filter and VGA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
S11(1)
1. Not tested in production.
Input return loss
GPS band
-8
dB
fIF
IF frequency
PLL in default condition with
26Mhz as reference
—4.045
MHz
NF
Noise figure
NF overall chain with AGC set
at 0 dB
—2(1)
dB
CG
Conversion gain from
RF input to ADC input
VGA at max gain
119
dB
VGA at min gain
69
dB
IP1dB
RF-IF-VGA input
compression point
VGA min
-80
dBm
IRR
Image rejection ratio
20
dB
BWGPS
-3dB IF bandwidth
GPS mode
2.4
MHz
BWGAL
Galileo mode
4.8
MHz
ATT
Alias frequency
rejection
F = 60 MHz
(fs = 65.474 MHz)
—30(1)
dB
TgGPS
IF filter group delay
variation
GPS mode
200(1)
ns
TgGAL
Galileo mode
30(1)
ns
Table 19. RFCHAIN – GLONASS/BeiDou filter and VGA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
S11(1)
Input return loss
GLONASS band
-8
dB
BeiDou band
-8
fIFGNS/BDU
IF frequency for
GLONASS
PLL in default condition
with 26 Mhz as
reference
—8.519
MHz
IF frequency for BeiDou
10.277
NF
Noise figure
NF overall chain with
AGC set at 0 dB
—2(1)
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com