Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 149 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 149 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 145Page - Cirrus Logic CS43131 Datasheet HTML 146Page - Cirrus Logic CS43131 Datasheet HTML 147Page - Cirrus Logic CS43131 Datasheet HTML 148Page - Cirrus Logic CS43131 Datasheet HTML 149Page - Cirrus Logic CS43131 Datasheet HTML 150Page - Cirrus Logic CS43131 Datasheet HTML 151Page - Cirrus Logic CS43131 Datasheet HTML 152Page - Cirrus Logic CS43131 Datasheet HTML 153Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 156 page
background image
DS1155F1
149
CS43131
9.1 Digital Filter Response
9.1.9
Combined Filter Response—Octuple Speed
9.1.10 Combined Filter Response—Single Speed (NOS = 1)
Note: 44.1 kHz and 48 kHz only.
Figure 9-49. Passband Ripple
Figure 9-50. Stopband Attenuation
Figure 9-51. Impulse Response
Figure 9-52. Step Response
Figure 9-53. Passband Ripple
Figure 9-54. Stopband Attenuation
0
0.02
0.04
0.06
0.08
0.1
0.12
−0.1
−0.09
−0.08
−0.07
−0.06
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
Frequency (Normalized to Fs)
0.4
0.5
0.6
0.7
0.8
0.9
1
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
Frequency (Normalized to Fs)
0
10
20
30
40
50
60
70
80
90
100
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
1.2
Time (
µs)
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
Time (
µs)
0
0.05
0.1 0.15
0.2 0.25
0.3 0.35
0.4 0.45
0.5
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
Frequency (Normalized to Fs)
0
0.5
1
1.5
2
2.5
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
Frequency (Normalized to Fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com