Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 153 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 153 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 148Page - Cirrus Logic CS43131 Datasheet HTML 149Page - Cirrus Logic CS43131 Datasheet HTML 150Page - Cirrus Logic CS43131 Datasheet HTML 151Page - Cirrus Logic CS43131 Datasheet HTML 152Page - Cirrus Logic CS43131 Datasheet HTML 153Page - Cirrus Logic CS43131 Datasheet HTML 154Page - Cirrus Logic CS43131 Datasheet HTML 155Page - Cirrus Logic CS43131 Datasheet HTML 156Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 153 / 156 page
background image
DS1155F1
153
CS43131
10 Package Dimensions
10 Package Dimensions
10.1 40-Pin QFN Package Dimensions
Figure 10-1. 40-Pin QFN Package Drawing
Table 10-1. 40-Pin QFN Package Dimensions
Description
Dim
Millimeters
Minimum
Nominal
Maximum
Total thickness
A
0.70.750.8
Stand off
A1
0
0.035
0.05
Mold thickness
A2
—
0.55
—
L/F thickness
A3
0.203 REF
Lead width
b
0.15
0.2
0.25
Body size
X
D
5 BSC
YE
5 BSC
Lead pitch
e
0.4 BSC
EP size
X
J
3.4
3.5
3.6
Y
K
3.4
3.5
3.6
Lead length
L
0.35
0.4
0.45
Package edge tolerance
aaa
0.1
Mold flatness
bbb
0.1
Coplanarity
ccc
0.08
Lead offset
ddd
0.1
Exposed pad offset
eee
0.1
Notes:
• Dimensioning and tolerances per ASME Y 14.5M–1995.
• X/Y Dimensions are estimates.
• The Ball 1 location indicator shown above is for illustration purposes only and may not be to scale.
• Dimensioning and tolerances per ASME Y 14.5M–1994.
• Dimension “b” applies to the solder sphere diameter and is measured at the midpoint between the
package body and the seating plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com