Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 155 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 155 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 148Page - Cirrus Logic CS43131 Datasheet HTML 149Page - Cirrus Logic CS43131 Datasheet HTML 150Page - Cirrus Logic CS43131 Datasheet HTML 151Page - Cirrus Logic CS43131 Datasheet HTML 152Page - Cirrus Logic CS43131 Datasheet HTML 153Page - Cirrus Logic CS43131 Datasheet HTML 154Page - Cirrus Logic CS43131 Datasheet HTML 155Page - Cirrus Logic CS43131 Datasheet HTML 156Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 155 / 156 page
background image
DS1155F1
155
CS43131
11 Thermal Characteristics
11 Thermal Characteristics
Notes:
• Natural convection at the maximum recommended operating temperature TA (see Table 3-2)
• Four-layer, 2s2p PCB as specified by JESD51-9 and JESD51-11; dimensions: 101.5 x 114.5 x 1.6 mm
• Thermal parameters as defined by JESD51-12
12 Ordering Information
13 References
• NXP Semiconductors, The I2C-Bus Specification and User Manual (UM10204). http://www.nxp.com/
14 Revision History
Table 11-1. Typical JEDEC Four-Layer, 2s2p Board Thermal Characteristics
Parameter
Symbol
WLCSP
QFN
Units
Junction-to-ambient thermal resistance
JA
42.3
32.7
°C/W
Junction-to-board thermal resistance
JB
11.1
8.8
°C/W
Junction-to-case thermal resistance
JC
0.22
0.92
°C/W
Junction-to-board thermal-characterization parameter
JB
11.0
8.8
°C/W
Junction-to-package-top thermal-characterization parameter
JT
0.09
0.23
°C/W
Table 12-1. Ordering Information 1
1.The Revision ID fields in Section 7.1.4, “Revision ID,” list the alpha (AREVID) and metal (MTLREVID) revisions.
Product
Description
Package
RoHS
Compliant
Grade
Temperature
Range
Container
Order Number
CS43131 130-dB, 32-Bit
High-Performance DAC with
Integrated Headphone Driver
and Impedance Detection
42-ball WLCSP
Yes
Commercial –10°C to +70°C Tape and Reel
CS43131-CWZR
40-pin QFN
Yes
Commercial –10°C to +70°C
Tray
CS43131-CNZ
Tape and Reel
CS43131-CNZR
Table 14-1. Revision History
Revision
Changes
F1
OCT ‘17
Initial release
Important: Please check with your Cirrus Logic sales representative to confirm that you are using the latest revision of this document and to
determine whether there are errata associated with this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com