| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 105 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 105 Page - Cirrus Logic |
|
105 / 300 page ![]() DS1085F3 105 CS47L35 4.5 DSP Peripheral Control 4.5.4.3 Common Functions to Standard GPIOs The DSP GPIO functions are implemented alongside the standard GPIO capability, providing an alternative method of maskable I/O control for all of the GPIO pins. The DSP GPIO control bits in the register map are implemented in a manner that supports efficient read/write access for multiple GPIOs at once. The DSP GPIO logic is shown in Fig. 4-33, which also shows the control fields relating to the standard GPIO. The DSP GPIO function is selected by setting GPn_FN = 0x002 for the respective GPIO pin. Integrated pull-up and pull-down resistors are provided on each of the GPIO pins, which are also valid for DSP GPIO function. A bus keeper function is supported on the GPIO pins; this is enabled using the respective pull-up and pull-down control bits. The bus keeper function holds the logic level unchanged whenever the pin is undriven (e.g., if the signal is tristated). See Table 4-83 for details of the GPIO pull-up and pull-down control bits. 4.5.4.4 DSP GPIO Block Diagram and Control Registers Figure 4-33. DSP GPIO Control The control registers associated with the DSP GPIO are described in Table 4-34. Input / Output control Logic Level control Mask control DSPGPn_SET2_LVL DSPGPn_SET2_DIR DSPGPn_SET2_MASK Input / Output control Logic Level control Mask control DSPGPn_SET3_LVL DSPGPn_SET3_DIR DSPGPn_SET3_MASK Input / Output control Logic Level control Mask control DSPGPn_SET4_LVL DSPGPn_SET4_DIR DSPGPn_SET4_MASK Input / Output control Logic Level control Mask control DSPGPn_SET1_LVL DSPGPn_SET1_DIR DSPGPn_SET1_MASK DSP GPIO Readback DSPGPn_STS GPn_FN = 0x002 GPIO Control & Readback GPn_LVL GPn_FN = 0x001 Pin-Specific Function GPn_FN = 0x000 Other GPIO functions GPn_PU GPn_PD GPIOn GPn_FN > 0x002 GPn_FN GPn_POL GPn_OP_CFG These bits have no effect if GPn_FN = 0x000 or 0x002. GPn_DB Valid for GPn_LVL readback and GPIO IRQ event trigger only. GPn_DIR These bits have no effect if GPn_FN = 0x000 or 0x002. If GPn_FN = 0x000, pin direction is set automatically . If GPn_FN = 0x002, pin direction is set by DSPGPn_SETx_DIR. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |