| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 107 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 107 Page - Cirrus Logic |
|
107 / 300 page ![]() DS1085F3 107 CS47L35 4.6 Digital Audio Interface 4.6 Digital Audio Interface The CS47L35 provides three audio interfaces, AIF1, AIF2, and AIF3. Each of these is independently configurable on the respective transmit (TX) and receive (RX) paths. AIF1 supports up to six channels of input and output signal paths; AIF2 and AIF3 support up to two channels of input and output signal paths. The data sources for the audio interface transmit (TX) paths can be selected from any of the CS47L35 input signal paths, or from the digital-core processing functions. The audio interface receive (RX) paths can be selected as inputs to any of the digital-core processing functions or digital-core outputs. See Section 4.3 for details of the digital-core routing options. The digital audio interfaces provide flexible connectivity for multiple processors and other audio devices. Typical connections include applications processor, baseband processor, and wireless transceiver. Note that the SLIMbus interface also provides digital audio input/output paths, providing options for additional interfaces. A typical configuration is shown in Fig. 4-34. The audio interface AIF1 is referenced to DBVDD1; interfaces AIF2 and AIF3 are referenced to DBVDD2. This enables the CS47L35 to connect easily between application subsystems on different voltage domains. R315440 (0x4_D030) DSPGP_SET1_Level_1 R315472 (0x4_D050) DSPGP_SET2_Level_1 R315504 (0x4_D070) DSPGP_SET3_Level_1 R315536 (0x4_D090) DSPGP_SET4_Level_1 15 DSPGP16_SETn_LVL 0 DSP SETn GPIO16 Output Level 0 = Logic 0 1 = Logic 1 14 DSPGP15_SETn_LVL 0 DSP SETn GPIO15 Output Level 13 DSPGP14_SETn_LVL 0 DSP SETn GPIO14 Output Level 12 DSPGP13_SETn_LVL 0 DSP SETn GPIO13 Output Level 11 DSPGP12_SETn_LVL 0 DSP SETn GPIO12 Output Level 10 DSPGP11_SETn_LVL 0 DSP SETn GPIO11 Output Level 9 DSPGP10_SETn_LVL 0 DSP SETn GPIO10 Output Level 8 DSPGP9_SETn_LVL 0 DSP SETn GPIO9 Output Level 7 DSPGP8_SETn_LVL 0 DSP SETn GPIO8 Output Level 6 DSPGP7_SETn_LVL 0 DSP SETn GPIO7 Output Level 5 DSPGP6_SETn_LVL 0 DSP SETn GPIO6 Output Level 4 DSPGP5_SETn_LVL 0 DSP SETn GPIO5 Output Level 3 DSPGP4_SETn_LVL 0 DSP SETn GPIO4 Output Level 2 DSPGP3_SETn_LVL 0 DSP SETn GPIO3 Output Level 1 DSPGP2_SETn_LVL 0 DSP SETn GPIO2 Output Level 0 DSPGP1_SETn_LVL 0 DSP SETn GPIO1 Output Level Table 4-34. DSP GPIO Control (Cont.) Register Address Bit Label Default Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |