| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 230 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 230 Page - Cirrus Logic |
|
230 / 300 page ![]() 230 DS1085F3 CS47L35 5.1 Recommended External Components Figure 5-3. Single-Ended and Differential Analog MEMS Microphone Connections DMIC connection to the CS47L35 is shown in Fig. 5-4. Note that ceramic decoupling capacitors at the DMIC power supply pins may be required—refer to the specific recommendations for the application microphones. Figure 5-4. DMIC Connection Each MICBIAS generator can operate in Regulator Mode or in Bypass Mode. See Section 4.19 for details of the MICBIAS generators. In Regulator Mode, the MICBIAS regulators are designed to operate without external decoupling capacitors. The regulators can be configured to support a capacitive load if required (e.g., for DMIC supply decoupling). The compatible load conditions are detailed in Table 3-11. If the capacitive load on MICBIAS1 or MICBIAS2 exceeds the specified conditions for Regulator Mode (e.g., due to a decoupling capacitor or long PCB trace), the respective generator must be configured in Bypass Mode. The maximum output current for each MICBIAS regulator is noted in Table 3-11. This limit must be observed for each pair of MICBIASnx outputs, especially if more than one microphone is connected to a single regulator. Note that the maximum output current differs between Regulator Mode and Bypass Mode. The MICBIAS output voltage can be adjusted using register control in Regulator Mode. To ADC VREF IN1xN, IN2xN IN1xP, IN2xP MEMS Mic MICBIAS VDD OUT GND GND PGA + – MEMS Mic To ADC VREF IN1xN, IN2xN IN1xP, IN2xP MICBIAS VDD OUT-P GND GND OUT-N PGA + – Digital Mic MICVDD or MICBIASnx AGND Digital Mic VDD CLK DATA VDD CLK DATA CHAN CHAN VDD DMICDATn DMICCLKn Digital Microphone Interface The DMIC inputs are referenced to MICVDD, MICBIAS1B, MICBIAS2A, or MICBIAS2B. The supply for each digital microphone should provide the same voltage as the applicable reference. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |