Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8770 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
11
DIGITAL AUDIO INTERFACE – SLAVE MODE
Figure 4 Audio Interface – Slave Mode
BCLK
DACLRC/
ADCLRC
t
BCH
t
BCL
t
BCY
DIN1/2/3/4
DOUT
t
LRSU
t
DS
t
LRH
t
DH
t
DD
Figure 5 Digital Audio Data Timing – Slave Mode
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs, ADC/DAC in Slave Mode unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
50
ns
BCLK pulse width high
tBCH
20
ns
BCLK pulse width low
tBCL
20
ns
DACLRC/ADCLRC set-up
time to BCLK rising edge
tLRSU
10
ns
DACLRC/ADCLRC hold
time from BCLK rising edge
tLRH
10
ns
DIN1/2/3/4 set-up time to
BCLK rising edge
tDS
10
ns
DIN1/2/3/4 hold time from
BCLK rising edge
tDH
10
ns
DOUT propagation delay
from BCLK falling edge
tDD
0
10
ns
Table 3 Digital Audio Data Timing – Slave Mode
Note: ADCLRC and DACLRC should be synchronous with MCLK, although the WM8770 interface is tolerant of phase
variations or jitter on these signals.
BCLK
DOUT
ADCLRC
DIN1/2/3/4
DACLRC
WM8770
CODEC
DSP
ENCODER/
DECODER
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com