Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8770 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
WM8770
Production Data
w
PD Rev 4.1 June 2005
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
L4A[6:0]
1111111
(0dB)
Attenuation data for Left channel DACL4 in 1dB steps. See Table 11
7
L4ZCEN
0
DACL4 zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00110
Analogue
Attenuation
DACL4
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store L4A in intermediate latch (no change to output)
1: Store L4A and update attenuation on all channels.
6:0
R4A[6:0]
1111111
(0dB)
Attenuation data for Right channel DACL4 in 1dB steps. See Table
11
7
R4ZCEN
0
DACR4 zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00111
Analogue
Attenuation
DACR4
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store R4A in intermediate latch (no change to output)
1: Store R4A and update attenuation on all channels.
6:0
MASTA[6:0]
1111111
(0dB)
Attenuation data for all channel DAC in 1dB steps. See Table 11
7
MZCEN
0
Master zero cross detect enable
0: zero cross disabled
1: zero cross enabled
01000
Master
Analogue
Attenuation
(all channels)
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store gain in intermediate latch (no change to output)
1: Store gain and update attenuation on all channels.
Table 10 Attenuation Register Map
Each DAC channel volume can be controlled digitally in an analogue volume stage after the DAC.
Attenuation is 0dB by default but can be set between 0 and –100dB in 1dB steps using the 7
Attenuation control words. All attenuation registers are double latched allowing new values to be pre-
latched to several channels before being updated synchronously. Setting the UPDATE bit on any
attenuation write will cause all pre-latched values to be immediately applied to the DAC channels. A
master attenuation register is also included, allowing all volume levels to be set to the same value in
a single write.
Note: The UPDATE bit is not latched. If UPDATE=0, the Attenuation value will be written to the pre-
latch but not applied to the relevant DAC. If UPDATE=1, all pre-latched values will be applied from
the next input sample. Writing to MASTA[6:0] overwrites any values previously sent to L1A[6:0],
L2A[6:0], L3A[6:0], L4A[6:0], R1A[6:0], R2A[6:0], R3A[6:0], R4A[6:0].
In addition a zero cross detect circuit is provided for each DAC volume under the control of bit 7
(xZCEN) in each DAC attenuation register. When ZCEN is set the attenuation values are only
updated when the input signal to the gain stage is close to the analogue ground level. This minimises
audible clicks and ‘zipper’ noise as the gain values change. A timeout clock is also provided which
will generate an update after a minimum of 131072 master clocks (= ~10.5ms with a master clock of
12.288MHz). The timeout clock may be disabled by setting TOD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10011
Timeout Clock Disable
3
TOD
0
DAC Analogue Zero cross detect
timeout disable
0 : Timeout enabled
1: Timeout disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com