Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8770 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
WM8770
Production Data
w
PD Rev 4.1 June 2005
20
POWERDOWN MODES
The WM8770 has powerdown control bits allowing specific parts of the WM8770 to be powered off
when not being used. The 8-channel input source selector and input buffer may be powered down
using control bit AINPD. When AINPD is set all inputs to the source selector (AIN1l/R to AIN8L/R)
are switched to a buffered VMIDADC. Control bit ADCPD powers off the ADC and also the ADC input
PGAs.The four stereo DACs each have a separate powerdown control bit, DACPD[3:0] allowing
individual steteo DACs to be powered off when not in use. The analogue output mixers and EVRs
may also be powered down by setting OUTPD[3:0]. OUTPD[3:0] also switches the analogue outputs
VOUTL/R to VMIDDAC to maintain a dc level on the output. Setting AINPD, ADCPD, DACPD[3:0]
and OUTPD[3:0] will powerdown everything except the references VMIDADC, ADCREF and
VMIDDAC. These may be powered down by setting PDWN. Setting PDWN will override all other
powerdown control bits. It is recommended that the 8-channel input mux and buffer, ADC, DAC and
output mixers and EVRs are powered down before setting PDWN. The default is for all powerdown
bits to be set except PDWN.
The Powerdown control bits allow parts of the device to be powered down when not in use. For
example, if only an analogue bypass path from AINL/R to VOUTL/R is required the ADCPD and
DACPD[3:0] control bits may be set leaving the analogue input and analogue output powered up.
DIGITAL AUDIO INTERFACE
MASTER AND SLAVE MODES
The audio interface operates in either Slave or Master mode, selectable using the MS control bit. In
both Master and Slave modes DACDAT is always an input to the WM8770 and ADCDAT is always
an output. The default is Slave mode.
In Slave mode (MS=0) ADCLRC, DACLRC and BCLK are inputs to the WM8770 (Figure 12).
DIN1/2/3/4, ADCLRC and DACLRC are sampled by the WM8770 on the rising edge of BCLK. ADC
data is output on DOUT and changes on the falling edge of BCLK. By setting control bit BCLKINV the
polarity of BCLK may be reversed so that DIN1/2/3/4, ADCLRC and DACLRC are sampled on the
falling edge of BCLK and DOUT changes on the rising edge of BCLK.
Figure 12 Slave Mode
BCLK
DOUT
ADCLRC
DIN1/2/3/4
DACLRC
WM8770
CODEC
DSP
ENCODER/
DECODER
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com