Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8770 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
29
DE-EMPHASIS MODE
A digital De-emphasis filter may be applied to each DAC channel. The De-emphasis filter for each
stereo channel is enabled under the control of DEEMP[3:0]. DEEMP[0] enables the de-emphasis
filter for channel 1, DEEMP[1] enables the de-emphasis filter for channel 2, DEEMP[2] enables the
de-emphasis filter for channel 3 and DEEMP[3] enables the de-emphasis filter for channel 4.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10101
DAC De-emphasis
Control
[3:0]
DEEMPH[3:0]
0000
De-emphasis mode select:
0 : Normal Mode
1: De-emphasis Mode
Refer to Figure 34, Figure 35, Figure 36, Figure 37, Figure 38 and Figure 39 for details of the De-
Emphasis modes at different sample rates.
POWERDOWN MODE AND ADC/DAC DISABLE
Setting the PDWN register bit immediately powers down the WM8770, including the references,
overriding all other powerdown control bits. All trace of the previous input samples are removed, but
all control register settings are preserved. When PDWN is cleared the digital filters will be
reinitialised. It is recommended that the 8-channel input mux and buffer, ADC, DAC and output
mixers and EVRs are powered down before setting PDWN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11000
Powerdown Control
0
PDWN
0
Power Down Mode Select:
0 : Normal Mode
1: Power Down Mode
The ADC and DACs may also be powered down by setting the ADCD and DACD disable bits. Setting
ADCD will disable the ADC and select a low power mode. The ADC digital filters will be reset and will
reinitialise when ADCD is reset. Each Stereo DAC channel has a separate disable DACD[3:0].
Setting DACD for a channel will disable the DACs and select a low power mode. Resetting DACD will
reinitialise the digital filters. DACD[0] disbles DAC1, DACD[1] disables DAC2, DACD[2] disables
DAC3 and DACD[3] disables DAC4,
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
ADCD
1
ADC Disable:
0 : Normal Mode
1: Power Down Mode
11000
Powerdown Control
5:2
DACD[3:0]
1111
DAC Disable:
0 : Normal Mode
1: Power Down Mode
ATTENUATOR CONTROL MODE
Setting the ATC register bit causes the left channel attenuation settings to be applied to both left and
right channel DACs from the next audio input sample. No update to the attenuation registers is
required for ATC to take effect.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10011
DAC Channel Control
1
ATC
0
Attenuator Control Mode:
0 : Right channels use Right
attenuations
1:
Right Channels use Left
Attenuations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com