Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8770 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8770
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8770 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8770 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
31
DAC ANALOGUE VOLUME CONTROL
The DAC volume may be adjusted independently in both the analogue and digital domain using
separate volume control registers.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
L1A[6:0]
1111111
(0dB)
Attenuation data for Left channel DACL1 in 1dB steps. See Table 11
7
L1ZCEN
0
DACL1 zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00000
Analogue
Attenuation
DACL1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store L1A in intermediate latch (no change to output)
1: Store L1A and update attenuation on all channels.
6:0
R1A[6:0]
1111111
(0dB)
Attenuation data for Right channel DACR1 in 1dB steps. See Table
11
7
R1ZCEN
0
DACR1 zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00001
Analogue
Attenuation
DACR1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store R1A in intermediate latch (no change to output)
1: Store R1A and update attenuation on all channels.
6:0
L2A[6:0]
1111111
(0dB)
Attenuation data for Left channel DACL2 in 1dB steps. See Table 11
7
L2ZCEN
0
DACL2 zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00010
Analogue
Attenuation
DACL2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store L2A in intermediate latch (no change to output)
1: Store L2A and update attenuation on all channels.
6:0
R2A[6:0]
1111111
(0dB)
Attenuation data for Right channel DACR2 in 1dB steps. See Table
11
7
R2ZCEN
0
DACR2 zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00011
Analogue
Attenuation
DACR2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store R2A in intermediate latch (no change to output)
1: Store R2A and update attenuation on all channels.
6:0
L3A[6:0]
1111111
(0dB)
Attenuation data for Left channel DACL3 in 1dB steps. See Table 11
7
L3ZCEN
0
DACL3 zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00100
Analogue
Attenuation
DACL3
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store L3A in intermediate latch (no change to output)
1: Store L3A and update attenuation on all channels.
6:0
R3A[6:0]
1111111
(0dB)
Attenuation data for Right channel DACL3 in 1dB steps. See Table
11
7
R3ZCEN
0
DACR3 zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00101
Analogue
Attenuation
DACR3
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store R3A in intermediate latch (no change to output)
1: Store R3A and update attenuation on all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com