Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1203 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3DPX1203 Datasheet HTML 1Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 2Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 3Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 4Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 5Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 6Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 7Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 8Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
5 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
3.2 Pin Description
Pin Name
Pin #
Type Description
IN0P/N
4, 5
I
CML Inputs +/- for Channel A0 with internal 50Ω pull-up, and 200kΩ pull-up for power
down mode
IN1P/N
7, 8
I
CML Inputs +/- for Channel A1 with internal 50Ω pull-up, and 200kΩ pull-up for power
down mode
IN2P/N
10, 11
I
CML Inputs +/- for Channel A2 with internal 50Ω pull-up, and 200kΩ pull-up for power
down mode
IN3P/N
13, 14
I
CML Inputs +/- for Channel A3 with internal 50Ω pull-up, and 200kΩ pull-up for power
down mode
OUT0P/N
35, 34
O
CML Outputs +/- for Channel A0 with internal 50Ω pull-up, and 2kΩ pull-up for power
down mode
OUT1P/N
32, 31
O
CML Outputs +/- for Channel A1 with internal 50Ω pull-up, and 2kΩ pull-up for power
down mode
OUT2P/N
29, 28
O
CML Outputs +/- for Channel A2 with internal 50Ω pull-up, and 2kΩ pull-up for power
down mode
OUT3P/N
26, 25
O
CML Outputs +/- for Channel A3 with internal 50Ω pull-up, and 2kΩ pull-up for power
down mode
SDA
18
I/O
I2C Data
SCL
19
I/O
I2C Clock
PRSNT#
20
I
Cable Present Detect Input. This pin has internal 100kΩ pull-up.
When the pin is "1", the cable does not present and enter to the lower power mode.
When the pin is "0", the device is Active with normal operation.
ENI2C
21
I
I2C enable pin.
When the pin is "1", register access I2C Slave mode
When the pin is "0", pin-strapping control mode
SW[1:0]
1, 2
I
Swing Control 2 bits. Input with internal 100 kΩ pull-up. This pin control the output Volt-
age Swing Level in all channel when ENI2C is "0".
FG0
38, 37
I
Flat Gain Control 2 bits pins. Inputs with internal 100 kΩ pull-up. This pin control the
output flat gain level on all channels when ENI2C is "0".
FG1/I2C_RE-
SET#
38
I
I2C Reset pin. Active "0". All programmable registers reset to the default state. Inputs with
internal 100kΩ pull up.
EQ[3:0]/
AD[3:0]
42, 41, 40,
39
I
EQ setting pins. Inputs with internal 100 kΩ pull-up. This 4-bit pins control the amount of
Input Equalizer Boost in all channel, when ENI2C is "0".
Or
I2C address control 4 bits with internal 100kΩ pull-up.
NC
16, 17, 22,
23
NC
No Connect
VDD
3, 6, 9, 12,
15, 24, 27,
30, 33, 36
PWR 3.3V Power Supply
GND
Center Pad GND Exposed Ground pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com