Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1203 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 11Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 12Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 13Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 14Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 15Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 16Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 17Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 18Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
15 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
Figure 6-1. -1dB Compression(Voltage Sweep) between 0 to 600mV Inputs @ 8Gbps
(2) Measured using a vector-network analyzer (VNA) with -15dBm power level applied to the adjacent input. The VNA detects the signal at the output of the victim
channel. All other inputs and outputs are terminated with 50Ω.
Signal Generater (BERT)
Scope
In
Out
D.U.T.
Pre-trace Board
Test Unit Board
Post-trace Board
(optional)
TP1
TP2
TP3
TP4
Figure 6-2. AC Electrical Measurement Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com