Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1203 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 3Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 4Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 5Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 6Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 7Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 8Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 9Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 10Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
7 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
4.2 Function Description
4.2.1 Power-up Timing
After PRSNT# signal is properly set, power up timing sequence complete. PRSNT signal from controller must be low until power sup-
ply become stable.
>100µS Delay time
<10mS Ramp-up time
<1ns
Power Supply
PRSNT from Controller
PRSNT# pin
Signal Output
10%
90%
0.7VDD
Normal Operation
Internal
Pull-up
Active Low
Figure 4-1 Power-up timing Sequence
4.2.2 Reset Implementation
When PRSNT# is high, the device is power-down mode and outputs are high impedance. It is critical to transition the PRSNT# , after
the power supply VDD has reached the minimum recommended operation voltage. This can be achieved by the control signal GPO or
by an external capacitor connected to GND.
To insure properly reset, the PRSNT# pin must be de-asserted for at least 100μS before re-asserted, and must be reprogrammed in I2C
mode. When using external capacitor, the size of the cap value depends on the power-up VDD supply ramp. Larger value results in a
slower ramp-up time. Consider 0.1uF capacitor is recommended as a reasonable first estimate.
100k-Ohm
VDD
PRSNT#
100k-Ohm
VDD
C
C
PRSNT#
GPO
External Capacitor Controlled
GPO pin contolled from Controller IC
Figure 4-2 Reset Control from External Capacitor or GPO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com