Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1203 Datasheet(PDF) 37 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 37 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 33Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 34Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 35Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 36Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 37Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 38Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 39Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 40Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 41Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
37 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
8.2 Part Marking Information
Our standard product mark follows our standard part number ordering information, except for those products with a speed letter
code. The speed letter code mark is placed after the package code letter, rather than after the device number as it is ordered. After
electrical test screening and speed binning has been completed, we then perform an “add mark” operation which places the speed
code letter at the end of the complete part number.
PI X1 X2X3X4 X5X6X7X8X9
Product IO Configuration
i.e) X5X6= Data Speed, X7=Total IO ports, X8= Port in, X9= Port out
Device Family Code
i.e) DPX = DisplayPort Redriver, HDX = HDMI Redriver
IO Voltage Code
i.e) “1” = 0.5~1.5V, “2” = 1.5~2.5V, “3” = 2.5~3.5V Power Supply
PI = Pericom
Packaging Type
i.e) Blank = Tube; X = Tape & Reel
Product Skew & Version
Package Code
Pb-Free
i.e) Blank = Standard; E = Pb-free & Green
Temperature Range
i.e) Blank=Commerial temp, I=Industrial temp
X10X11 X12X13 I E X
Figure 8-1 Part naming information
PI3DPX
1203ZHE
YYWWXX
YY: Year
WW: Workweek
1st X: Assembly Code
2nd X: Fab Code
Figure 8-2 Part marking information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com