Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1203 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3DPX1203 Datasheet HTML 1Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 2Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 3Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 4Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 5Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 6Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 7Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 8Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
A product Line of
Diodes Incorporated
PI3DPX1203
1 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
Applications
Î
Display, Monitors
Î
Active Adaptors, Dongles, Docking
Î
Notebook, DeskTop, AIO PC
PI3DPX1203
AC-coupled
DP Mainlink
DP++ Level Shifter
D0
D1
D2
CLK
DDC SCL/SDA
Transmitter
CHIPSET
DP++
Tx
Figure 1-1. DP1.4 ReDriver in the NB PC
DisplayPort
Redriver
Aux-ch
Control Circuit
Cable
DP1.3
Type-C to DP1.3 Adaptor
Figure 1-2. ReDriver in the DP1.4 Type-C Dongle
Ordering Information
Ordering Number
Package
Code
Package Description
PI3DPX1203
ZHEX
ZH
42-pin, Very Thin Quad
Flat No-Lead (TQFN), Tray
Type W24
PI3DPX1203
ZHE+DRX
ZH
42-pin, Very Thin Quad
Flat No-Lead (TQFN),
Type W16
Description
Diodes' PI3DPX1203 is the Displayport compliant, up to 4 channel,
8.1 Gbps Linear Redriver with Link Training transparency sup-
port. Displayport source-side and sink-side devices communicate
through the AUX transaction between the source and the sink-side
devices.
InputEqualization,VoltageSwingandFlatGaincontrolcanconfig-
ure with pin-strapping or I2C programing to optimized Main Link
high speed signals over a variety of physical medium by reducing
inter-symbol interference. Pericom's Linear Redriver technology
can deliver 2 times better additive jitters performance than tradi-
tional Redrivers.
Linear Equalizer always provide very flexible component place-
ment, cascade connection and easy adjustment after the Redriver
location changes during the product development events.
Features
Î
Compliant with VESA DisplayPort 1.4 specification up to 10
Gbps Link Rate
Î
Linear ReDriver allows flexible placement with Main Link
boost setting
Î
Ideal for DP/USB Type-C Source and Sink-side application
with PD Controllers with Aux Link Training Transparent
Mode support
Î
Linear Equalizer Increases Main Link Margin with sink-
side DFE (Decision Feedback Equalizer)
Î
Independent Main Link channel configuration for 4-bit
Equalization, 2-bit Voltage Output swing and 2-bit Flat
Gain control
Î
Pin strap or I2C programmable for device Configuration
setting
Î
Intra- and Inter-Channel Polarity swap support
Î
I2C Address selectable for configuration register access
Î
Power Supply Voltage: 3.3V
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
Forautomotiveapplicationsrequiringspecificchangecontrol
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Notes:
1. No purposely added lead. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS
2) & 2015/863/EU (RoHS 3) compliant.
2. See http://www.diodes.com/quality/lead-free/ for more information about
Diodes Incorporated’s definitions of Halogen- and Antimony-free, “Green” and
Lead-free. Thermal characteristics can be found on the company web site at www.
diodes.com/design/support/packaging/
3. E = Pb-free and Green
4. X suffix = Tape/Reel
b
P
Lead-free Green


Similar Part No. - PI3DPX1203

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1203B DIODES-PI3DPX1203B Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
More results

Similar Description - PI3DPX1203

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562B CHAMP-CM8562B_08 Datasheet
232Kb / 8P
1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
PI3HDMI511 PERICOM-PI3HDMI511 Datasheet
890Kb / 16P
HDMI1.4 Redriver Source-side Application
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
IOGEAR
G2LDPDP14 IOGEAR-G2LDPDP14 Datasheet
143Kb / 2P
DisplayPort 1.4 Male-to-Male 6 Ft. Cable
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com