Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DPX1203 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI3DPX1203
Description  DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1203 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI3DPX1203 Datasheet HTML 5Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 6Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 7Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 8Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 9Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 10Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 11Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 12Page - Diodes Incorporated PI3DPX1203 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
PI3DPX1203
A product Line of
Diodes Incorporated
9 of 43
www.diodes.com
February 2021
© Diodes Incorporated
PI3DPX1203
Document number DS40598 Rev 2-2
4.2.6 EQ Setting
Input EQ control 4 bits EQ[3:0] are the selection pins for the equalization selection of each Main Link channel.
EQ3
EQ2
EQ1
EQ0
8 Gbps Input
EQ(dB)
0
0
0
0
3.3
0
0
0
1
3.8
0
0
1
0
4.3
0
0
1
1
4.8
0
1
0
0
5.4
0
1
0
1
5.8
0
1
1
0
6.3
0
1
1
1
6.8
1
0
0
0
7.2
1
0
0
1
7.7
1
0
1
0
8.1
1
0
1
1
8.5
1
1
0
0
8.9
1
1
0
1
9.2
1
1
1
0
9.6
1
1
1
1
9.9
f(GHz)
Gain (dB)
EQ Setting
f(GHz)
Gain (dB)
FG Setting
Input (V)
Output (V)
SW Setting
RX1P
RX1N
Control
TX1P
TX1N
EQ
Flat Gain
-1dB Compresssion
Figure 4-3 Illustration of EQ, Gain and Swing setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com