Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF9160-SIBA-R Datasheet(PDF) 46 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 46 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 42Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 43Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 44Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 45Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 46Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 47Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 48Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 49Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 50Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 400 page
background image
Application core
readerBuffer[0]
readerBuffer[1]
readerBuffer[2]
readerBuffer[3]
readerBuffer[4]
writerBuffer[0]
writerBuffer[1]
writerBuffer[2]
writerBuffer[3]
writerBuffer[4]
writerBuffer[5]
0x20000000
0x20000004
0x20000008
Figure 6: EasyDMA memory layout
The WRITER.MAXCNT register should not be specified larger than the actual size of the buffer
(writerBuffer). Otherwise, the channel would overflow the writerBuffer.
Once an EasyDMA transfer is completed, the AMOUNT register can be read by the CPU to see how many
bytes were transferred. For example, CPU can read MYPERIPHERAL->WRITER.AMOUNT register to see how
many bytes WRITER wrote to RAM.
Note: The PTR register of a READER or WRITER must point to a valid memory region before use.
The reset value of a PTR register is not guaranteed to point to valid memory. See Memory on page
21 for more information about the different memory regions and EasyDMA connectivity.
4.7.1 EasyDMA error handling
Some errors may occur during DMA handling.
If READER.PTR or WRITER.PTR is not pointing to a valid memory region, an EasyDMA transfer may result
in a HardFault or RAM corruption. See Memory on page 21 for more information about the different
memory regions.
If several AHB bus masters try to access the same AHB slave at the same time, AHB bus congestion might
occur. An EasyDMA channel is an AHB master. Depending on the peripheral, the peripheral may either stall
and wait for access to be granted, or lose data.
4.7.2 EasyDMA array list
EasyDMA is able to operate in Array List mode.
The Array List mode is implemented in channels where the LIST register is available.
The array list does not provide a mechanism to explicitly specify where the next item in the list is located.
Instead, it assumes that the list is organized as a linear array where items are located one after the other
in RAM.
4418_1315 v2.0
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com